データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH16374DGG データシート(PDF) 5 Page - NXP Semiconductors

部品番号 74ALVCH16374DGG
部品情報  2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16374DGG データシート(HTML) 5 Page - NXP Semiconductors

  74ALVCH16374DGG Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16374DGG Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16374DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16374DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16374DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16374DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16374DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16374DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16374DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74ALVCH16374
16-bit edge-triggered D-type flip-flop (3-State)
1998 Jun 18
5
ABSOLUTE MAXIMUM RATINGS
In accordance with the Absolute Maximum Rating System (IEC 134)
Voltages are referenced to GND (ground = 0V)
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
IIK
DC input diode current
VI t0
–50
mA
VI
DC input voltage
For control pins1
–0.5 to +4.6
V
VI
DC in ut voltage
For data inputs1
–0.5 to VCC +0.5
V
IOK
DC output diode current
VO uVCC or VO t 0
"50
mA
VO
DC output voltage
Note 1
–0.5 to VCC +0.5
V
IO
DC output source or sink current
VO = 0 to VCC
"50
mA
IGND, ICC
DC VCC or GND current
"100
mA
Tstg
Storage temperature range
–65 to +150
°C
PTOT
Power dissipation per package
–plastic medium-shrink (SSOP)
–plastic thin-medium-shrink (TSSOP)
For temperature range: –40 to +125
°C
above +55
°C derate linearly with 11.3 mW/K
above +55
°C derate linearly with 8 mW/K
850
600
mW
NOTE:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltage are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VCC = 1.2V
VCC
V
HIGH level Input voltage
VCC = 1.8V
0.7*VCC
0.9
V
VIH
HIGH level Input voltage
VCC = 2.3 to 2.7V
1.7
1.2
V
VCC = 2.7 to 3.6V
2.0
1.5
VCC = 1.2V
GND
V
LOW level Input voltage
VCC = 1.8V
0.9
0.2*VCC
V
VIL
LOW level Input voltage
VCC = 2.3 to 2.7V
1.2
0.7
V
VCC = 2.7 to 3.6V
1.5
0.8
VCC =1 8to3 6V; V =V or V ; IO = 100µA
VCC 02
VCC
VCC = 1.8 to 3.6V; VI = VIH or VIL; IO = –100µA
VCC*0.2
VCC
VCC = 1.8V; VI = VIH or VIL; IO = –6mA
VCC*0.4
VCC*0.10
VCC = 2.3V; VI = VIH or VIL; IO = –6mA
VCC*0.3
VCC*0.08
VOH
HIGH level output voltage
VCC = 2.3V; VI = VIH or VIL; IO = –12mA
VCC*0.5
VCC*0.17
V
VCC = 2.3V; VI = VIH or VIL; IO = –18mA
VCC*0.6
VCC*0.26
VCC = 2.7V; VI = VIH or VIL; IO = –12mA
VCC*0.5
VCC*0.14
VCC = 3.0V; VI = VIH or VIL; IO = –24mA
VCC*1.0
VCC*0.28


同様の部品番号 - 74ALVCH16374DGG

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74ALVCH16374DGG NEXPERIA-74ALVCH16374DGG Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
logo
Texas Instruments
74ALVCH16374DGGRE4 TI-74ALVCH16374DGGRE4 Datasheet
318Kb / 14P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

同様の説明 - 74ALVCH16374DGG

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVT16374 PHILIPS-74ALVT16374 Datasheet
99Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
74LVT16374A PHILIPS-74LVT16374A Datasheet
86Kb / 10P
   3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
logo
Integrated Device Techn...
IDT74LVC16374A IDT-IDT74LVC16374A_15 Datasheet
106Kb / 6P
   3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Texas Instruments
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A_07 Datasheet
392Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374A TI1-SN74LVC16374A_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com