データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH16600 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 74ALVCH16600
部品情報  18-bit universal bus transceiver 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16600 データシート(HTML) 3 Page - NXP Semiconductors

  74ALVCH16600 Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16600 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16600 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16600 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16600 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16600 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16600 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16600 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16600 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors
Product specification
74ALVCH16600
18-bit universal bus transceiver (3-State)
1998 Sep 24
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
27
28
30
29
OEAB
LEAB
A0
GND
A1
A2
A3
A4
A5
GND
A6
A7
A8
A9
A11
GND
A12
VCC
A10
A13
A14
A15
A16
A17
VCC
GND
OEBA
LEBA
CEAB
CPAB
B0
GND
B1
B2
B3
B4
B5
GND
B6
B7
B8
B9
B11
GND
B12
VCC
B10
B13
B14
B15
B16
B17
VCC
GND
CPBA
CEBA
SW00124
LOGIC SYMBOL
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
OEAB
LEAB
CPAB
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
OEBA
LEBA
CPBA
3
5
6
8
10
12
13
14
15
16
17
19
20
21
23
24
26
1
2
55
54
52
51
49
48
47
45
44
43
42
41
40
38
37
36
34
33
31
27
28
30
9
SW00125
CEAB
56
CEBA
29
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1
OEAB
Output enable A-to-B
2
LEAB
Latch enable A-to-B
3, 5, 6, 8, 9,
10, 12, 13, 14,
15, 16, 17, 19,
20, 21, 23, 24,
26
A0 to A17
Data inputs/outputs
4, 11, 18, 25,
32, 39, 46, 53
GND
Ground (0V)
7, 22, 35, 50
VCC
Positive supply voltage
27
OEBA
Output enable B-to-A
28
LEBA
Latch enable B-to-A
29
CEBA
Clock enable B-to-A
30
CPBA
Clock input B-to-A
54, 52, 51, 49,
48, 47, 45, 44,
43, 42, 41, 40,
38, 37, 36, 34,
33, 31
B0 to B17
Data inputs/outputs
55
CPAB
Clock input A-to-B
56
CEAB
Clock enable A-to-B


同様の部品番号 - 74ALVCH16600

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16600DGG NEXPERIA-74ALVCH16600DGG Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
logo
NXP Semiconductors
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
More results

同様の説明 - 74ALVCH16600

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com