データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH16540DGG データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74ALVCH16540DGG
部品情報  2.5V/3.3V 16-bit buffer/line driver, inverting, 5V input tolerant 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16540DGG データシート(HTML) 2 Page - NXP Semiconductors

  74ALVCH16540DGG Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16540DGG Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16540DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16540DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16540DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16540DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16540DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16540DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16540DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74ALVCH16540
16-bit buffer/line driver, inverting,
5V input tolerant (3-State)
2
1997 Aug 11
853-2020 18266
FEATURES
Wide supply voltage range of 1.2 V to 3.6 V
Complies with JEDEC standard no. 8-1A
CMOS low power consumption
MULTIBYTETM flow-through standard pin-out architecture
Low inductance multiple V
CC and ground pins for minimum noise
and ground bounce
Direct interface with TTL levels
Bus hold on all data inputs eliminates the need for external pull-up
resistors to hold unused inputs
Output drive capability 50Ω transmission lines @ 85°C
DESCRIPTION
The 74ALVCH16540 is a high-performance, low-power, low-voltage,
Si-gate CMOS device, superior to most advanced CMOS
compatible TTL families.
The 74ALVCH16540 is a 16-bit inverting buffer/line driver with
3-State outputs. The 3-State outputs are controlled by the output
enable inputs 1OEn and 2OEn. A HIGH on nOEn causes the outputs
to assume a high impedance OFF-state.
Active bus hold circuitry is provided to hold unused or floating data
inputs at a valid logic level. This feature eliminates the need for
external pull-up or pull-down resistors. The device can be used as
four 4-bit buffers, two 8-bit buffers or one 16-bit buffer.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
1OE1
1Y0
1Y1
GND
1Y2
1Y3
VCC
1Y5
GND
1Y6
1Y7
2Y0
2Y1
GND
1Y4
2Y2
2Y3
VCC
2Y4
2Y5
2A5
2A4
VCC
2A3
2A2
GND
2A1
2A0
1A7
1A6
GND
1A5
1A4
VCC
1A3
1A2
GND
1A1
1A0
1OE2
21
22
23
24
25
26
27
28
GND
2Y6
2Y7
2OE1
2OE2
2A7
2A6
GND
SW00108
QUICK REFERENCE DATA
GND = 0V; Tamb = 25°C; tr = tf ≤ 2.5ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
t
/t
Propagation delay
1An to 1Yn;
CL = 50pF
VCC = 3.3V
1.8
ns
tPHL/tPLH
1An to 1Yn;
2An to 2Yn
CL = 30pF
VCC = 2.5V
1.8
ns
CI
Input capacitance
5.0
pF
C
Power dissipation capacitance per buffer
V = GND to VCC1
Outputs enabled
26
pF
CPD
Power dissipation capacitance per buffer
VI = GND to VCC1
Outputs disabled
5
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in mW):
PD = CPD × VCC2 × fi + S (CL × VCC2 × fo) where:
fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
S (CL × VCC2 × fo) = sum of outputs.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74ALVCH16540 DL
ACH16540 DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ALVCH16540 DGG
ACH16540 DGG
SOT362-1


同様の部品番号 - 74ALVCH16540DGG

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVCH16543 PHILIPS-74ALVCH16543 Datasheet
89Kb / 20P
   16-bit D-type registered transceiver; 3-state
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16543 NEXPERIA-74ALVCH16543 Datasheet
204Kb / 17P
   16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
logo
NXP Semiconductors
74ALVCH16543DGG PHILIPS-74ALVCH16543DGG Datasheet
89Kb / 20P
   16-bit D-type registered transceiver; 3-state
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16543DGG NEXPERIA-74ALVCH16543DGG Datasheet
204Kb / 17P
   16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
logo
Texas Instruments
74ALVCH16543DGGRE4 TI1-74ALVCH16543DGGRE4 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

同様の説明 - 74ALVCH16540DGG

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC16244A PHILIPS-74LVC16244A Datasheet
78Kb / 10P
   16-bit buffer/line driver; 5V input/output tolerant 3-State
2003 Dec 08
74ALVC16244 PHILIPS-74ALVC16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
74LVC16240A PHILIPS-74LVC16240A_15 Datasheet
225Kb / 16P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 4-3 November 2011
logo
Nexperia B.V. All right...
74LVC16240A NEXPERIA-74LVC16240A Datasheet
210Kb / 12P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 5 - 25 April 2019
logo
NXP Semiconductors
74ALVT16244 PHILIPS-74ALVT16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
74ALVT16244 PHILIPS-74ALVT16244_15 Datasheet
89Kb / 10P
   2.5V/3.3V 16-bit buffer/driver (3-State)
1998 Oct 07
74ALVT16827 PHILIPS-74ALVT16827 Datasheet
82Kb / 10P
   2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
74ALVT16541 PHILIPS-74ALVT16541 Datasheet
81Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Feb 13
MB2240 PHILIPS-MB2240 Datasheet
58Kb / 8P
   16-bit inverting buffer/line driver 3-State
August 23, 1993
74LVC16240A PHILIPS-74LVC16240A Datasheet
78Kb / 10P
   16-bit buffer/line driver; inverting 3-State
1997 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com