データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH16823DGG データシート(PDF) 6 Page - NXP Semiconductors

部品番号 74ALVCH16823DGG
部品情報  18-bit bus-interface D-type flip-flop with reset and enable 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16823DGG データシート(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVCH16823DGG Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16823DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16823DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16823DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16823DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16823DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16823DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16823DGG Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16823DGG Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74ALVCH16823
18-bit D-type flip-flop (3-State)
1998 Jul 29
6
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltage are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VCC = 1.2V
VCC
VIH
HIGH level Input voltage
VCC = 1.8V
0.7*VCC
0.9
V
VIH
HIGH level In ut voltage
VCC = 2.3 to 2.7V
1.7
1.2
V
VCC = 2.7 to 3.6V
2.0
1.5
VCC = 1.2V
GND
VIL
LOW level Input voltage
VCC = 1.8V
0.9
0.2*VCC
V
VIL
LOW level In ut voltage
VCC = 2.3 to 2.7V
1.2
0.7
V
VCC = 2.7 to 3.6V
1.5
0.8
VCC =1 8to3 6V; VI =VIH or VIL; IO = –100µA
VCC*02
VCC
VCC = 1.8 to 3.6V; VI = VIH or VIL; IO = –100µA
VCC*0.2
VCC
VCC = 1.8V; VI = VIH or VIL; IO = –6mA
VCC*0.4
VCC*0.10
VCC = 2.3V; VI = VIH or VIL; IO = –6mA
VCC*0.3
VCC*0.08
VOH
HIGH level output voltage
VCC = 2.3V; VI = VIH or VIL; IO = –12mA
VCC*0.5
VCC*0.17
V
VCC = 2.3V; VI = VIH or VIL; IO = –18mA
VCC*0.6
VCC*0.26
VCC = 2.7V; VI = VIH or VIL; IO = –12mA
VCC*0.5
VCC*0.14
VCC = 3.0V; VI = VIH or VIL; IO = –24mA
VCC*1.0
VCC*0.28
VCC =1 8to3 6V; VI =VIH or VIL; IO = 100µA
GND
020
VCC = 1.8 to 3.6V; VI = VIH or VIL; IO = 100µA
GND
0.20
VCC = 1.8V; VI = VIH or VIL; IO = 6mA
0.09
0.30
VCC = 2.3V; VI = VIH or VIL; IO = 6mA
0.07
0.20
VOL
LOW level output voltage
VCC = 2.3V; VI = VIH or VIL; IO = 12mA
0.15
0.40
V
VCC = 2.3V; VI = VIH or VIL; IO = 18mA
0.23
0.60
VCC = 2.7V; VI = VIH or VIL; IO = 12mA
0.14
0.40
VCC = 3.0V; VI = VIH or VIL; IO = 24mA
0.27
0.55
II
Input leakage current per
control pin
VCC = 1.8 to 3.6V;
VI = 5.5V or GND
0.1
5
µA
II
Input leakage current per data
pin
VCC = 1.8 to 3.6V;
VI = VCC or GND
0.1
5
µA
IIHZ/IILZ
Input current for common I/O
VCC = 1.8 to 2.7V;
VI = VCC or GND
0.1
10
µA
IIHZ/IILZ
pins
VCC = 3.6V;
VI = VCC or GND
0.1
15
µA
IOZ
3-State output OFF-state
VCC = 1.8 to 2.7V; VI = VIH or VIL;
VO = VCC or GND
0.1
5
µA
IOZ
current
VCC = 2.7 to 3.6V; VI = VIH or VIL;
VO = VCC or GND
0.1
10
µA
∆ICC
Additional quiescent supply
current given per data I/O pin
VCC = 2.7V to 3.6V; VI = VCC – 0.6V; IO = 0
150
750
µA
IBHL
Bus hold LOW sustaining
VCC = 2.3V; VI = 0.7V2
45
µA
IBHL
g
current
VCC = 3.0V; VI = 0.8V2
75
150
µA
IBHH
Bus hold HIGH sustaining
VCC = 2.3V; VI = 1.7V2
–45
µA
IBHH
g
current
VCC = 3.0V; VI = 2.0V2
–75
–175
µA
IBHLO
Bus hold LOW overdrive current
VCC = 2.7V2
300
µA
IBHLO
Bus hold LOW overdrive current
VCC = 3.6V2
450
µA
IBHHO
Bus hold HIGH overdrive
VCC = 2.7V2
–300
µA
IBHHO
current
VCC = 3.6V2
–450
µA
NOTES:
1. All typical values are at Tamb = 25°C.
2. Valid for data inputs of bus hold parts.


同様の部品番号 - 74ALVCH16823DGG

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74ALVCH16823DGG NEXPERIA-74ALVCH16823DGG Datasheet
218Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 3 - 1 February 2018
More results

同様の説明 - 74ALVCH16823DGG

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74ALVT16823 NEXPERIA-74ALVT16823 Datasheet
263Kb / 16P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 6 - 20 October 2020
logo
NXP Semiconductors
74ALVT16823 PHILIPS-74ALVT16823 Datasheet
99Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jun 12
logo
Nexperia B.V. All right...
74ALVCH16823 NEXPERIA-74ALVCH16823 Datasheet
218Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 3 - 1 February 2018
logo
NXP Semiconductors
74ABT16823A PHILIPS-74ABT16823A Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ALVT162823 PHILIPS-74ALVT162823 Datasheet
103Kb / 14P
   18-bit bus-interface D-type flip-flop with reset and enable with 30ohm termination resistors (3-State)
1998 Aug 27
logo
Nexperia B.V. All right...
74ALVT162823 NEXPERIA-74ALVT162823 Datasheet
226Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable with 30 Ω termination resistors; 3-state
Rev. 3 - 23 January 2018
logo
NXP Semiconductors
74ABT823 PHILIPS-74ABT823 Datasheet
77Kb / 7P
   9-bit D-type flip-flop with reset and enable 3-State
1995 Sep 06
74ABT823 NXP-74ABT823 Datasheet
324Kb / 17P
   9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
MB2823 PHILIPS-MB2823 Datasheet
126Kb / 10P
   Dual 9-bit D-type flip-flop with reset and enable 3-State
August 24, 1993
logo
Pericom Semiconductor C...
PI74ALVCH16823 PERICOM-PI74ALVCH16823 Datasheet
327Kb / 5P
   18-Bit Bus-Interface Flip-Flop with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com