データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH32501 データシート(PDF) 11 Page - NXP Semiconductors

部品番号 74ALVCH32501
部品情報  36-bit universal bus transceiver with direction pin; 5 V tolerant; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH32501 データシート(HTML) 11 Page - NXP Semiconductors

Back Button 74ALVCH32501 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 10Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 11Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 12Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 13Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 14Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2000 Mar 16
11
Philips Semiconductors
Product specification
36-bit universal bus transceiver with direction pin;
5 V tolerant; 3-state
74ALVCH32501
handbook, full pagewidth
MNA566
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
OEBA input
VOL
VOH
VCC
VM
VM
OEAB input
GND
tPZL
tPZH
VM
VM
VCC
VM
VX
VY
VI
2.3 to 2.7 V
0.5
× VCC
VOL + 150 mV
VOH − 150 mV
VCC
2.7 V
1.5 V
VOL + 300 mV
VOH − 300 mV
2.7 V
3.0 to 3.6 V
1.5 V
VOL + 300 mV
VOH − 300 mV
2.7 V
VOL and VOH are typical output voltage drop that occur with the output load.
Fig.6 3-state enable and disable times.
handbook, full pagewidth
th
tsu
th
tsu
VM
VM
MNA567
GND
VI
GND
VI
nLEAB, nLEBA,
nCPAB, nCPBA
input
nAn, nBn
input
Fig.7 Data set-up and hold times for the nAn and nBn inputs to the nLEAB, nLEBA, nCPAB and nCPBA inputs.
VCC
VM
VI
2.3 to 2.7 V
0.5
× VCC
VCC
2.7 V
1.5 V
2.7 V
3.0 to 3.6 V
1.5 V
2.7 V
VOL and VOH are typical output voltage drop that occur with the output load.
The shaded areas indicate when the input is permitted to change for predictable output performance.


同様の部品番号 - 74ALVCH32501

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVCH32501 PHILIPS-74ALVCH32501 Datasheet
121Kb / 15P
   36-bit universal bus transceiver with direction pin; 3-state
2004 Oct 13
74ALVCH32501EC PHILIPS-74ALVCH32501EC Datasheet
121Kb / 15P
   36-bit universal bus transceiver with direction pin; 3-state
2004 Oct 13
logo
Texas Instruments
74ALVCH32501ZKFR TI1-74ALVCH32501ZKFR Datasheet
788Kb / 14P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH32501 PHILIPS-74ALVCH32501_04 Datasheet
121Kb / 15P
   36-bit universal bus transceiver with direction pin; 3-state
2004 Oct 13
More results

同様の説明 - 74ALVCH32501

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVCH32501 PHILIPS-74ALVCH32501_04 Datasheet
121Kb / 15P
   36-bit universal bus transceiver with direction pin; 3-state
2004 Oct 13
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com