データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC22FD010J データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 MC22FD010J
部品情報  High-Frequency, High-Stability Chip for Instruments and RF
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

MC22FD010J データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  MC22FD010J Datasheet HTML 1Page - List of Unclassifed Manufacturers MC22FD010J Datasheet HTML 2Page - List of Unclassifed Manufacturers MC22FD010J Datasheet HTML 3Page - List of Unclassifed Manufacturers MC22FD010J Datasheet HTML 4Page - List of Unclassifed Manufacturers MC22FD010J Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1605 East Rodney French Blvd.
New Bedford, MA 02744
(508) 996-8564, Fax (508) 996-3830
http://www.cornell-dubilier.com
E-mail: cdenb@cornell-dubilier.com
1.032
C ORN ELL
DU BIL I ER
Your Source For Capacitor Solutions
Type MC, Surface-Mount Mica Chip Capacitors
Specifications
Marking
Voltage Color
brown=100 Vdc
R1
green=500 Vdc
BRN/GRN=1000 Vdc
Capacitance Code
Base
Code
Base
Code
Value
Ltr.
Value
Ltr.
10
A
40
d
11
B
43
R
12
C
45
e
13
D
47
S
15
E
50
f
16
F
51
T
18
G
56
U
20
H
60
m
22
J
62
V
24
K
68
W
25
a
70
n
27
L
75
X
30
M
80
t
33
N
82
Y
35
b
90
y
36
P
91
Z
39
Q
Multiplier
Code
No.
X 0.1
0
X 1
1
X 10
2
X 100
3
X 0.01
9
Capacitance is within tolerance
when measured as follows:
1–1000 pF @ 1 MHz
> 1000 pF @ 1 kHz
Dissipation Factor is no more
than 0.1% when measured as
above.
Quality Factor (Q) is as follows
when measured at 1 MHz.
Capacitance
Min. Q
Range
1 to 80 pF
500 to 3000
>80 pF
3000
Insulation Resistance is no
less than 100 G
Ω when measured
at 100 Vdc.
Withstanding Voltage is two
times the rated voltage and can be
applied up to 5 seconds without
damage.
Life Test: Subject capacitors to
125
±3°C with 1.5 times rated volt-
age applied for 2000 (+72,–0)
hours. There will be no visual dam-
age and the capacitors will meet
the limits of the table below.
Vibration Resistance: Subject
the capacitors to simple harmonic
motion with an amplitude of 0.06
inches; vary the frequency uni-
formly from 10 to 55 Hz and return
to 10 Hz, all in one minute. Repeat
that cycle continuously for two
hours in each of three mutually
perpendicular directions. There will
be no visual damage and the ca-
pacitors will meet the limits of the
table below.
Bending Test: Solder attach the
capacitors to printed-circuit boards.
Suspend each board between two
edges separated 3.5 inches with the
capacitor in the center and on the
underside. Press in the center of the
suspension until the board flexes
downward 0.1 inches. There will be
no visual damage and the capaci-
tors will meet the limits of the table
below during and after the bend-
ing.
Moisture Resistance: Subject
the capacitors to 40
±2°C at 90 to
95% humidity for 500 (+24,–0)
hours. Return to room ambient for
24 hours. There will be no visual
damage and the capacitors will
meet the limits of the table below.
Temperature Coefficient
and Drift: Measure the capaci-
tors’ capacitance at 25
°C, –55°C,
25
°C, 125°C, and at 25°C—all
±3°C—after stabilizing at each tem-
perature. The capacitance will meet
the limits of the Characteristic table
in Ordering Information.
Heat Resistance: Subject the ca-
pacitors to 125
±2°C for 2 (+1,–0)
hours. Then the insulation resis-
tance will be no less than 5G
Ω.
Solderability: After 2±0.5 sec-
onds in molten solder with 2.5% sil-
ver at 270
±5°C, solder coverage will
be no less than 90% when exam-
ined at 10X magnification for flow
soldering and no less than 75% for
reflow soldering.
Solder Heat Resistance: Sub-
ject the capacitors to molten solder
as above with 5 minutes preheating
at 150
±3°C. There will be no visual
damage and the capacitors will
meet the limits of the table below.
Test
Withstand
Insulation
Capacitance
DF
Q
Voltage
Resistance
(whichever >)
Life Test
IL
IL
IV
±2% or ±.5pF
150% max IL
2/3xIL
Vibration Resistance
IL
30 G
IV
±1% or ±1pF
IL
IL
Bending Test
IL
IV
±.5% or ±1pF
IL
Moisture Res.
IL
30 G
IV
±3% or ±.5pF
150% max IL
2/3xIL
Solderability
IL
IL
IL
IL
IL
Heat Resistance
5 G
Solder Heat Res.
IL
30 G
IV
±.5% or ±1pF
IL
IL
IL=Initial Limit
IV=Initial Value
After-Test Limits
Example:
R1 = 43 pF
IL=Initial Limit
8942 1.030-1.034
4/3/2000 6:17 PM
Page 32


同様の部品番号 - MC22FD010J

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
MC22FD102J-F CDE-MC22FD102J-F Datasheet
431Kb / 9P
   Multilayer RF Capacitors High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
MC22FD102J-F CDE-MC22FD102J-F Datasheet
562Kb / 10P
   High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
MC22FD112J-F CDE-MC22FD112J-F Datasheet
431Kb / 9P
   Multilayer RF Capacitors High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
MC22FD112J-F CDE-MC22FD112J-F Datasheet
562Kb / 10P
   High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
MC22FD122J-F CDE-MC22FD122J-F Datasheet
431Kb / 9P
   Multilayer RF Capacitors High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
More results

同様の説明 - MC22FD010J

メーカー部品番号データシート部品情報
logo
TXC Corporation.
AE-SERIES TXC-AE-SERIES Datasheet
1Mb / 1P
   High precision and high frequency stability.
OZ-SERIES TXC-OZ-SERIES Datasheet
1Mb / 1P
   High precision and high frequency stability.
8Z-SERIES TXC-8Z-SERIES Datasheet
973Kb / 1P
   High precision and high frequency stability.
7M-SERIES TXC-7M-SERIES Datasheet
978Kb / 1P
   High precision and hig frequency stability.
logo
List of Unclassifed Man...
HG1012JA ETC1-HG1012JA Datasheet
56Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
HG-1012JA ETC1-HG-1012JA Datasheet
111Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
CA-301 ETC1-CA-301 Datasheet
52Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Epson Company
HG-1000 EPSON-HG-1000 Datasheet
82Kb / 2P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Advanced XTAL Products
AXIOM9000 AXTAL-AXIOM9000 Datasheet
479Kb / 5P
   Very High Frequency Stability
AXDO9000 AXTAL-AXDO9000 Datasheet
414Kb / 5P
   Very High Frequency Stability
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com