データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD16FD181J03 データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 CD16FD181J03
部品情報  Miniature Dipped, Mica Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

CD16FD181J03 データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  CD16FD181J03 Datasheet HTML 1Page - List of Unclassifed Manufacturers CD16FD181J03 Datasheet HTML 2Page - List of Unclassifed Manufacturers CD16FD181J03 Datasheet HTML 3Page - List of Unclassifed Manufacturers CD16FD181J03 Datasheet HTML 4Page - List of Unclassifed Manufacturers CD16FD181J03 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1605 East Rodney French Blvd.
New Bedford, MA 02744
(508) 996-8564, Fax (508) 996-3830
http://www.cornell-dubilier.com
E-mail: cdenb@cornell-dubilier.com
4.009
Type CD16 & CDV16, Snubber and RF Application, Mica Capacitors
C ORN ELL
DU BIL I ER
Your Source For Capacitor Solutions
Type CD16 & CDV16
Mica Capacitors
L
Max.
T
Max.
470 ±5%
1000V
CDM
H
Max.
1.00" Min.
.06 Max.
No Solder
.032
(#20 A.W.G.)
0.234
±.031
Ideal for snubber and RF applications, CDV16 mica capacitors now
handle dV/dts up to 275,000 V/µs and they assure controlled,
resonance-free performance through 1 GHz.
Higher dV/dt Capability and Flatter Insertion Loss
New CDV16/CD16 mica capacitors excel in both
snubber applications and high-frequency applica-
tions like RF and CATV.
Type CDV16’s high pulse current capability make
them ideal for pulse and snubber applications.
CDV16 capacitors withstand an unlimited number of
pulses with a dV/dt of 275,000 V/µs. This is a 20%
increase in dV/dt capability when compared to our
CDV19 mica capacitors and CDV16s are smaller too.
CDV16 capacitors handle higher peak currents — up
to 825 amps. They also handle high continuous RMS
current at 5 MHz and up to 30 MHz. For example, a
470 pF CDV16 capacitor handles 6.2 A rms continu-
ously at 13.56 MHz and it is 1/4 the cost of a compa-
rable porcelain ceramic capacitor.
In addition to being great for snubbers, CDV16 is a fit
for your FR applications. Their compact size and
closer lead spacing improves insertion loss perfor-
mance — insertion loss data is flat within +0.2 db,
typically to beyond a gigahertz.
Performance Highlights
• Capacitance Range: 100 pF to 7,500 pF
• Capacitance Tolerance: ±5% (J) standard; ±1% (F)
and ±2% (G) available
• Voltage: 500 Vdc & 1,000 Vdc
• Temperature Range: –55°C to +125°C
• dV/dt capability up to 275,000 V/µs
• 1,500 amps peak current capability
• Handles up to 9.0 amps rms continuous current
• Very low ESR from 10 to 100 MHz
• Low, notch-free impedance to 1GHz
• Stable: no capacitance change with voltage,
temperature and frequency
• Tape and reeling available
8942 4.001-4.038
3/31/2000 8:38 PM
Page 9


同様の部品番号 - CD16FD181J03

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
CD16FD181J03 CDE-CD16FD181J03 Datasheet
347Kb / 2P
   Snubber and RF Application, Mica Capacitors Higher dV/dt Capability and Flatter Insertion Loss
More results

同様の説明 - CD16FD181J03

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
CD10CD010DO3F CDE-CD10CD010DO3F Datasheet
292Kb / 6P
   Mica Capacitors, Standard Dipped
CD10 CDE-CD10 Datasheet
526Kb / 7P
   Mica Capacitors, Standard Dipped
logo
List of Unclassifed Man...
CD10 ETC1-CD10 Datasheet
67Kb / 4P
   Mica Capacitors, Standard Dipped
logo
Cornell Dubilier Electr...
CD10CD010D03F CDE-CD10CD010D03F Datasheet
816Kb / 4P
   Mica Capacitors Standard Dipped
CM05ED430JO3 CDE-CM05ED430JO3 Datasheet
209Kb / 1P
   Radial-Leaded Dipped Mica Capacitors
logo
Sharma Electro Componen...
DM19 SHARMA-DM19 Datasheet
253Kb / 1P
   Mica Capacitors
DM30 SHARMA-DM30 Datasheet
250Kb / 1P
   Mica Capacitors
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
   Mica Capacitors
DM42 SHARMA-DM42 Datasheet
253Kb / 1P
   Mica Capacitors
DM15FD SHARMA-DM15FD Datasheet
640Kb / 18P
   MICA CAPACITORS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com