データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVT16344 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 74ALVT16344
部品情報  2.5V/3.3V 1-to-4 address driver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16344 データシート(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVT16344 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16344 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16344 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16344 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16344 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16344 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16344 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16344 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16344 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74ALVT16344
2.5V/3.3V 1-to-4 address driver (3-State)
1998 Jun 30
7
DC ELECTRICAL CHARACTERISTICS (2.5V
"0.2V RANGE)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VIK
Input clamp voltage
VCC = 2.3V; IIK = –18mA
–0.85
–1.2
V
VOH
High-level output voltage
VCC = 2.3 to 2.7V; IOH = –100µA
VCC–0.2
VCC
V
VOH
High-level out ut voltage
VCC = 2.3V; IOH = –8mA
1.7
2.1
V
VOL
Low-level output voltage
VCC = 2.3V; IOL = 100µA
0.07
0.2
V
VOL
Low-level out ut voltage
VCC = 2.3V; IOL = 24mA
0.3
0.5
V
VCC = 2.7V; VI = VCC or GND
Control pins
0.1
±1
VCC = 0 or 2.7V; VI = 5.5V
Control ins
0.1
10
II
Input leakage current
VCC = 2.7V; VI = 5.5V
0.1
10
µA
VCC = 2.7V; VI = VCC
Data pins4
0.1
1
VCC = 2.7V; VI = 0
0.1
-5
IOFF
Off current
VCC = 0V; VI or VO = 0 to 4.5V
0.1
"100
µA
IHOLD6
Bus Hold current
VCC = 2.5V; VI = 0.8V
105
µA
HOLD
A inputs
VCC = 2.5V; VI = 2.0V
10
µA
IEX
Current into an output in the
High state when VO > VCC
VO = 5.5V; VCC = 2.3V
10
125
µA
IPU/PD
Power up/down 3-State output
current3
VCC ≤ 1.2V; VO = 0.5V to VCC; VI = GND or VCC
OE/OE = Don’t care
1
100
µA
IOZH
3-State output High current
VCC = 2.7V; VO = 2.3V; VI = VIL or VIH
0.5
5
µA
IOZL
3-State output Low current
VCC = 2.7V; VO = 0.5V; VI = VIL or VIH
0.5
–5
µA
ICCH
VCC = 2.7V; Outputs High, VI = GND or VCC, IO = 0
0.04
0.1
ICCL
Quiescent supply current
VCC = 2.7V; Outputs Low, VI = GND or VCC, IO = 0
5.0
6.5
mA
ICCZ
VCC = 2.7V; Outputs Disabled; VI = GND or VCC, IO = 05
0.04
0.1
∆ICC
Additional supply current per
input pin2
VCC = 2.3V to 2.7V; One input at VCC–0.6V,
Other inputs at VCC or GND
0.04
0.4
mA
NOTES:
1. All typical values are at VCC = 2.5V and Tamb = 25°C.
2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND
3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 2.5V ± 0.2V a
transition time of 100
µsec is permitted. This parameter is valid for Tamb = 25°C only.
4. Unused pins at VCC or GND.
5. ICCZ is measured with outputs pulled up to VCC or pulled down to ground.
6. Not guaranteed.
AC CHARACTERISTICS (2.5V
"0.2V RANGE)
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = -40 to +85oC
VCC = +2.5V ±0.2V
UNIT
MIN
TYP
MAX
tPLH
tPHL
Propagation delay
nAx to nYx
1
0.5
0.5
2.5
1.9
4.2
3.9
ns
tPZH
tPZL
Output enable time
to High and Low level
2
1.0
1.0
3.5
2.8
6.1
4.6
ns
tPHZ
tPLZ
Output disable time
from High and Low level
2
1.0
1.0
2.8
3.1
5.3
4.9
ns


同様の部品番号 - 74ALVT16344

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVT16344 NXP-74ALVT16344 Datasheet
93Kb / 12P
   2.5V/3.3V 1-to-4 address driver (3-State)
1998 Jun 30
More results

同様の説明 - 74ALVT16344

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVT16344 NXP-74ALVT16344 Datasheet
93Kb / 12P
   2.5V/3.3V 1-to-4 address driver (3-State)
1998 Jun 30
74ALVT16731 PHILIPS-74ALVT16731 Datasheet
87Kb / 12P
   2.5V/3.3V 1-to-4 address register/driver 3-State
1999 Mar 23
74ALVT162344 PHILIPS-74ALVT162344 Datasheet
91Kb / 12P
   2.5V/3.3V 1-to-4 address driver with 30ohm termination resistors 3-State
1998 Jun 30
74ALVT162731 PHILIPS-74ALVT162731 Datasheet
94Kb / 12P
   2.5V/3.3V 1-to-4 address register/driver with 30ohm termination resistors 3-State
1999 Mar 23
logo
Pericom Semiconductor C...
PI74AVC16345 PERICOM-PI74AVC16345 Datasheet
474Kb / 10P
   2.5V, Registered 1-Bit to 4-Bit Address Driver w/3-State Outputs
logo
Renesas Technology Corp
HD74ALVCH16832 RENESAS-HD74ALVCH16832 Datasheet
2Mb / 12P
   1-to-4 Address Register / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16832 TI-SN74ALVCH16832 Datasheet
124Kb / 9P
[Old version datasheet]   1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16832 TI1-SN74ALVCH16832_08 Datasheet
299Kb / 11P
[Old version datasheet]   1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16831 TI-SN74ALVCH16831 Datasheet
131Kb / 9P
[Old version datasheet]   1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16831 HITACHI-HD74ALVCH16831 Datasheet
60Kb / 12P
   1-to 4 Address Register / Driver with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com