データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

JZC-7FF データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 JZC-7FF
部品情報  SUBMINIATURE INTERMEDIATE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

JZC-7FF データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  JZC-7FF Datasheet HTML 1Page - List of Unclassifed Manufacturers JZC-7FF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.36W (48VDC: 0.51W)
File No.:E134517
File No.:CQC02001001942
Contact Rating
(Res. Load)
Initial Contact
Resistance Max.
Dielectric
Strength
Shock Resistance
HONGFA RELAY
Coil power
0.5
0.6
0.9
1.2
1.8
2.4
4.8
0.3
4.00
4.80
7.20
9.60
14.4
19.2
38.4
2.40
Features
1 Form C
12A 277VAC/28VDC
10A 277 VAC
5A 30VDC
4FLA 4LRA 120VAC N.O.
105
(Class B&F)
2FLA 4LRA 120VAC N.C.
105
(Class B&F)
Pilot Duty 480VA
1 Form A
12A 277VAC/28VDC
10A 277VAC
6A 30VDC
1/3 HP 125VAC
2.9A 125VAC
4FLA 4LRA 120VAC
105
(Class B&F)
ISO9001*ISO/TS16949 *ISO14001 CERTIFIED
VERSION: EN02-20040601
51
JZC-7FF
1A, 1C
100m
(at 1A 6VDC)
AgCe, AgSnO2
5A 250VAC/30VDC
10A 250VAC/28VDC
250VAC/30VDC
10A
2400VA /280W
1 x 107OPS
1 x 105OPS
Contact Arrangement
Contact Material
Max. switching voltage
Max. switching current
Max. switching power
Mechanical life
Electrical life
Initial Insulation Resistance
Between coil and Contacts
Between open contacts
Operate time (at nomi. Volt.)
Release time (at nomi. Volt.)
Temperature rise (at nomi. Volt.)
Functional
Destructive
Vibration Resistance
Humidity
Ambient temperature
Termination
Unit weight
Construction
100M
1500VAC
750VAC
Max. 10ms
Max. 5ms
40
(48VDC:50
)
100 m/s2
1000 m/s2
1.5mm, 10 to 55Hz
35% to 95%RH
-40
to +70
PCB
13g
Sealed IP67& Unsealed
5
6
9
12
18
24
48
6.0
7.2
10.8
14.4
21.6
28.8
57.6
25
10%
70
10%
100
10%
225
10%
400
10%
900
10%
1600
10%
3
3.6
4500
10%
SUBMINIATURE INTERMEDIATE POWER RELAY
CONTACT DATA
CHARACTERISTICS
COIL
Nominal
Voltage
VDC
Coil
Resistance
Pick-up
Voltage
VDC
Drop-out
Voltage
VDC
Max.
allowable
Voltage
VDC (at 20
)
COIL DATA
SAFETY APPROVAL RATINGS
UL
Low cost, Small package.
1 Form A and 1 Form C contact arrangements.
Sealed IP67& Unsealed types available.
*
*
*


同様の部品番号 - JZC-7FF

メーカー部品番号データシート部品情報
logo
DB Lectro Inc
JZC-7F DBLECTRO-JZC-7F Datasheet
321Kb / 2P
   Small size, light weight, Low price. Low coil power consumption
JZC-7F01DC120.5 DBLECTRO-JZC-7F01DC120.5 Datasheet
321Kb / 2P
   Small size, light weight, Low price. Low coil power consumption
JZC-7F01DC120.6 DBLECTRO-JZC-7F01DC120.6 Datasheet
321Kb / 2P
   Small size, light weight, Low price. Low coil power consumption
JZC-7F01DC12S0.5 DBLECTRO-JZC-7F01DC12S0.5 Datasheet
321Kb / 2P
   Small size, light weight, Low price. Low coil power consumption
JZC-7F01DC12S0.6 DBLECTRO-JZC-7F01DC12S0.6 Datasheet
321Kb / 2P
   Small size, light weight, Low price. Low coil power consumption
More results

同様の説明 - JZC-7FF

メーカー部品番号データシート部品情報
logo
Hongfa Technology
HF32FV HONGFA-HF32FV_17 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF33F HONGFA-HF33F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF36F HONGFA-HF36F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF38F HONGFA-HF38F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HFE51 HONGFA-HFE51 Datasheet
1Mb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
JZC-33F ETC-JZC-33F Datasheet
51Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF43F HONGFA-HF43F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
JE7 HONGFA-JE7 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com