データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F181 データシート(PDF) 1 Page - NXP Semiconductors

部品番号 74F181
部品情報  Arithmetic logic unit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F181 データシート(HTML) 1 Page - NXP Semiconductors

  74F181 Datasheet HTML 1Page - NXP Semiconductors 74F181 Datasheet HTML 2Page - NXP Semiconductors 74F181 Datasheet HTML 3Page - NXP Semiconductors 74F181 Datasheet HTML 4Page - NXP Semiconductors 74F181 Datasheet HTML 5Page - NXP Semiconductors 74F181 Datasheet HTML 6Page - NXP Semiconductors 74F181 Datasheet HTML 7Page - NXP Semiconductors 74F181 Datasheet HTML 8Page - NXP Semiconductors 74F181 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Philips Semiconductors FAST Products
Product specification
74F181
Arithmetic logic unit
1
March 3, 1989
853–0351 95947
FEATURES
Provides 16 arithmetic operation: add, subtract, compare, and
double; plus 12 other arithmetic operations
Provides all 16 logic operations of two variables: Exclusive-OR,
Compare, AND, NAND, NOR, OR, plus 10 other logic operations
Full look-ahead carry for high speed arithmetic operation on long
words
40% faster than ’S181 with only 30% ’S181 power consumption
Available in 300mil-wide Slim 24-pin Dual In-Line package
DESCRIPTION
The 74F181 is a 4-bit high-speed parallel Arithmetic Logic Unit
(ALU). Controlled by the four Function Select inputs (S0–S3) and
the Mode Control input (M), it can perform all the 16 possible logic
operations or 16 different arithmetic operations on active-High or
active-Low operands. The Function Table lists these operations.
PIN CONFIGURATION
SF00193
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
B0
A0
S3
S2
S1
S0
Cn
M
F0
F1
F2
VCC
A1
B1
A2
B2
A3
B3
Cn+4
G
P
A=B
F3
GND
TYPE
TYPICAL PROPAGATION DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F181
7.0ns
43mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
24-Pin Plastic Slim DIP (300 mil)
N74F181N
24-Pin Plastic SOL
N74F181D
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/LOW
LOAD VALUE HIGH/LOW
A0–A3
A operand inputs
1.0/3.0
20
µA/1.8mA
B0–B3
B operand inputs
1.0/3.0
20
µA/1.8mA
M
Mode control input
1.0/1.0
20
µA/0.6mA
S0–S3
Function select input
1.0/4.0
20
µA/2.4mA
Cn
Carry input
1.0/5.0
20
µA/3.0mA
Cn+4
Carry output
50/33
1.0mA/20mA
P
Carry Propagate output
50/33
1.0mA/20mA
G
Carry Generate output
50/33
1.0mA/20mA
A=B
Compare output
OC/33
OC/20mA
F0–F3
Outputs
50/33
1.0mA/20mA
NOTE:
One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.
OC = Open Collector


同様の部品番号 - 74F181

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74F181 NSC-74F181 Datasheet
218Kb / 10P
   4-Bit Arithmetic Logic Unit
logo
Fairchild Semiconductor
74F181 FAIRCHILD-74F181 Datasheet
81Kb / 9P
   4-Bit Arithmetic Logic Unit
logo
National Semiconductor ...
74F181PC NSC-74F181PC Datasheet
218Kb / 10P
   4-Bit Arithmetic Logic Unit
logo
Fairchild Semiconductor
74F181PC FAIRCHILD-74F181PC Datasheet
81Kb / 9P
   4-Bit Arithmetic Logic Unit
logo
National Semiconductor ...
74F181SC NSC-74F181SC Datasheet
218Kb / 10P
   4-Bit Arithmetic Logic Unit
More results

同様の説明 - 74F181

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74F382 PHILIPS-74F382 Datasheet
121Kb / 12P
   Arithmetic Logic Unit
1990 Jul 12
74F381 PHILIPS-74F381 Datasheet
82Kb / 7P
   Arithmetic Logic Unit
1989 Mar 01
logo
Fairchild Semiconductor
DM74LS181 FAIRCHILD-DM74LS181 Datasheet
74Kb / 7P
   4-Bit Arithmetic Logic Unit
74F381 FAIRCHILD-74F381 Datasheet
77Kb / 8P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
SN54LS181 MOTOROLA-SN54LS181 Datasheet
277Kb / 9P
   4-BIT ARITHMETIC LOGIC UNIT
MC5474F181 MOTOROLA-MC5474F181 Datasheet
125Kb / 5P
   4-BIT ARITHMETIC LOGIC UNIT
logo
Fairchild Semiconductor
DM93S41 FAIRCHILD-DM93S41 Datasheet
61Kb / 7P
   4-Bit Arithmetic Logic Unit
logo
NXP Semiconductors
74AC11181 PHILIPS-74AC11181 Datasheet
500Kb / 19P
   4 BIT ARITHMETIC LOGIC UNIT
October 1990
logo
National Semiconductor ...
DM74181N NSC-DM74181N Datasheet
255Kb / 8P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
logo
STMicroelectronics
HCC40181B STMICROELECTRONICS-HCC40181B Datasheet
272Kb / 12P
   4-BIT ARITHMETIC LOGIC UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com