データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F189A データシート(PDF) 7 Page - NXP Semiconductors

部品番号 74F189A
部品情報  64-bit TTL bipolar RAM, inverting 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F189A データシート(HTML) 7 Page - NXP Semiconductors

Back Button 74F189A Datasheet HTML 2Page - NXP Semiconductors 74F189A Datasheet HTML 3Page - NXP Semiconductors 74F189A Datasheet HTML 4Page - NXP Semiconductors 74F189A Datasheet HTML 5Page - NXP Semiconductors 74F189A Datasheet HTML 6Page - NXP Semiconductors 74F189A Datasheet HTML 7Page - NXP Semiconductors 74F189A Datasheet HTML 8Page - NXP Semiconductors 74F189A Datasheet HTML 9Page - NXP Semiconductors 74F189A Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors
Product specification
74F189A
64-bit TTL bipolar RAM, inverting (3-State)
1990 Feb 23
7
TEST CIRCUIT AND WAVEFORM
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for Totem-Pole Outputs
DEFINITIONS:
RL = Load resistor;
see AC ELECTRICAL CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC ELECTRICAL CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
SF00006


同様の部品番号 - 74F189A

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74F189 NSC-74F189 Datasheet
166Kb / 8P
   64-Bit Random Access Memory with TRI-STATEE Outputs
logo
Fairchild Semiconductor
74F189 FAIRCHILD-74F189 Datasheet
58Kb / 6P
   64-Bit Random Access Memory with 3-STATE Outputs
logo
National Semiconductor ...
74F189PC NSC-74F189PC Datasheet
166Kb / 8P
   64-Bit Random Access Memory with TRI-STATEE Outputs
logo
Fairchild Semiconductor
74F189PC FAIRCHILD-74F189PC Datasheet
58Kb / 6P
   64-Bit Random Access Memory with 3-STATE Outputs
logo
National Semiconductor ...
74F189SC NSC-74F189SC Datasheet
166Kb / 8P
   64-Bit Random Access Memory with TRI-STATEE Outputs
More results

同様の説明 - 74F189A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74F219A PHILIPS-74F219A Datasheet
91Kb / 12P
   64-bit TTL bipolar RAM, non-inverting 3-State
1996 Jan 05
logo
Advanced Micro Devices
AM27S07 AMD-AM27S07 Datasheet
184Kb / 7P
   64-Bit Inverting-Output Bipolar RAM
AM27S03 AMD-AM27S03 Datasheet
196Kb / 7P
   64-Bit Inverting-Output Bipolar RAM
logo
ON Semiconductor
NLU1GT126 ONSEMI-NLU1GT126_16 Datasheet
150Kb / 7P
   Non-Inverting 3-State Buffer, TTL Level
July, 2016 ??Rev. 5
NLU1GT126 ONSEMI-NLU1GT126_12 Datasheet
141Kb / 10P
   Non-Inverting 3-State Buffer, TTL Level
July, 2012 ??Rev. 3
NLU1GT125 ONSEMI-NLU1GT125_16 Datasheet
150Kb / 7P
   Non-Inverting 3-State Buffer, TTL Level
July, 2016 ??Rev. 6
NLU1GT125 ONSEMI-NLU1GT125_V01 Datasheet
197Kb / 6P
   Non-Inverting 3-State Buffer, TTL Level
January, 2019 - Rev. 7
logo
List of Unclassifed Man...
82S09 ETC1-82S09 Datasheet
129Kb / 4P
   576-BIT BIPOLAR RAM (64 X 9)
logo
Toshiba Semiconductor
TC74HCT540AP TOSHIBA-TC74HCT540AP Datasheet
236Kb / 6P
   OCTAL BUS BUFFER WITH TTL INPUT LEVEL. INVERTING/NON-INVERTING, 3-STATE OUTPUTS
logo
ON Semiconductor
NLU1GT126 ONSEMI-NLU1GT126 Datasheet
105Kb / 8P
   Non-Inverting 3-State Buffer, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com