データシートサーチシステム |
|
BC547 データシート(PDF) 2 Page - Weitron Technology |
|
BC547 データシート(HTML) 2 Page - Weitron Technology |
2 / 5 page ℃ ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued) WEITRON http://www.weitron.com.tw BC546 BC547 BC548 BC546 BC547 BC548 BC546 BC547 BC548 BC546, A/B BC547, A/B/C BC548, A/B/C BC546 BC547 BC547A/BC548A BC546B/BC547B/BC548B BC546C/BC547C/BC548C BC548 DC C urrent G ain (IC =0.1 mAdc, VC E =10 Vdc) (IC =1.0 mAdc, VC E =10 Vdc) (IC =10 mAdc, VC E =10 Vdc) (IC =10 mAdc, VC E =10 Vdc, TA=-55 C ) (IC =150 mAdc, VC E =10 Vdc) (3) (IC =150 mAdc, VC E =1.0Vdc) (3) (IC =500 mAdc, VC E =10 Vdc) (3) MP S 2222A ONLY C ollector-E mitter S aturation V oltage (3) (IC =150 mAdc, IB=15mAdc) (IC =500 mAdc, IB=50mAdc) B ase-E mitter S aturation V oltage (3) (IC =150 mAdc, IB=15mAdc) (IC =500 mAdc, IB=50mAdc) hFE V C E (sat) V BE (sat) - V dc V dc 35 50 75 35 100 50 30 40 - - - - - 0.6 - - - - - - 300 - - - 1.3 1.2 2.6 2.0 0.4 0.3 1.6 1.0 ON CHARACTERISTICS OFF CHARACTERISTICS MP S 2222 MP S 2222A MP S 2222 MP S 2222A MP S 2222 MP S 2222A MP S 2222 MP S 2222A MP S 2222 MP S 2222A DC current gain Collector-emitter saturation voltage Collector Cutoff Current Collector Cutoff Current Emitter Cutoff Current Base-emitter saturation voltage Transition frequency h V V MHz FE VCE(sat) VBE(sat) fT 110 450 110 800 110 800 110 220 200 450 420 800 - 0.3 - 1 150 - Characteristics Symbol Min Max Unit (VCE=60V, lB=0) (VCE=45V, lB=0) (VCE=30V, lB=0) (VCE=5V, lc=2mA) (lC=100mA, lB=5mA) (lC=100mA, lB=5mA) (VCE=5V, lC=10mA, f=100MHz) (VCB=70V, lE=0) (VCB=50V, lE=0) (VCB=30V, lE=0) 0.1 0.1 0.1 mA mA mA lCEO lCBO lEBO (V =5.0 Vdc, l =0) EB C 2/5 Rev.B 27-Apr-05 |
同様の部品番号 - BC547 |
|
同様の説明 - BC547 |