データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC546B データシート(PDF) 1 Page - Weitron Technology

部品番号 BC546B
部品情報  NPN General Purpose Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WEITRON [Weitron Technology]
ホームページ  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC546B データシート(HTML) 1 Page - Weitron Technology

  BC546B Datasheet HTML 1Page - Weitron Technology BC546B Datasheet HTML 2Page - Weitron Technology BC546B Datasheet HTML 3Page - Weitron Technology BC546B Datasheet HTML 4Page - Weitron Technology BC546B Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NPN General Purpose Transistor
http://www.weitron.com.tw
WEITRON
Maximum Ratings
THERMAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
OFF CHARACTERISTICS
( TA=25 C unless otherwise noted)
BC546
BC546
BC547
BC547
BC548
BC548
BC546
BC547
BC548
BC546
BC547
BC548
BC546
BC547
BC548
BC546
BC547
BC548
BC546, A/B
BC547, A/B/C
BC548, A/B/C
TO-92
2
2
3
3
1
1
80
50
30
65
45
30
6
6
6
100
625
80
50
30
65
45
30
6
Rating
Symbol
Collector-Emitter Voltage
V
Collector Current Continuous
l
Collector-Base Voltage
V
Emitter-Base Voltage
V
ECO
CBO
EBO
C
Unit
Unit
Unit
Max
Max
Min
Symbol
Symbol
Characteristics
Characteristics
Total Device Dissipation
Alumina Substrate, T = 25 C
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
mAdc
mW/ C
C
-55 to +150
A
Junction and Storage, Temperature
PD
TJ, Tstg
V(BR)CEO
V(BR)CBO
V(BR)EBO
Collector-Emitter Breakdown Voltage
(l = 1 mAdc. l =0)
C
B
Collector-Base Breakdown Voltage
(l = 100 mAdc. l =0)
C
E
Emitter-Base Breakdown Voltage
(l = 10 mAdc. l =0)
E
C
COLLECTOR
BASE
EMITTER
1/5
Rev.B 27-Apr-05


同様の部品番号 - BC546B

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BC546B MOTOROLA-BC546B Datasheet
193Kb / 6P
   Amplifier Transistors
logo
NXP Semiconductors
BC546B NXP-BC546B Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
logo
Taiwan Semiconductor Co...
BC546B TSC-BC546B Datasheet
253Kb / 5P
   NPN Transistor
logo
ON Semiconductor
BC546B ONSEMI-BC546B Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Micro Commercial Compon...
BC546B MCC-BC546B Datasheet
228Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
More results

同様の説明 - BC546B

メーカー部品番号データシート部品情報
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com