データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADXRS401ABG データシート(PDF) 7 Page - Analog Devices

部品番号 ADXRS401ABG
部品情報  -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADXRS401ABG データシート(HTML) 7 Page - Analog Devices

Back Button ADXRS401ABG Datasheet HTML 3Page - Analog Devices ADXRS401ABG Datasheet HTML 4Page - Analog Devices ADXRS401ABG Datasheet HTML 5Page - Analog Devices ADXRS401ABG Datasheet HTML 6Page - Analog Devices ADXRS401ABG Datasheet HTML 7Page - Analog Devices ADXRS401ABG Datasheet HTML 8Page - Analog Devices ADXRS401ABG Datasheet HTML 9Page - Analog Devices ADXRS401ABG Datasheet HTML 10Page - Analog Devices ADXRS401ABG Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADXRS401
Rev. 0 | Page 7 of 12
10
2.50
2.49
2.48
2.47
2.46
2.45
05
TIME (Seconds)
RATE AXIS (1/60 SEC SAMPLE RATE)
Figure 10. 10 g Random Vibration in Rate Axis Orientation
2.50
2.49
10g
0g
2.48
2.47
2.46
2.45
05
TIME (Seconds)
PACKAGE LATERAL AXIS (0.5s AVERAGE)
10
Figure 11. 10 g Random Vibration in Package-Lateral Axis Orientation
2.50
2.49
0g
10g
2.48
2.47
2.46
2.45
05
TIME (Seconds)
PACKAGE LONGITUDINAL AXIS (0.5s AVERAGE)
10
Figure 12. 10 g Random Vibration in Package-Longitudinal Axis Orientation
2.50
2.49
0g
10g
2.48
2.47
2.46
2.45
05
TIME (Seconds)
RATE AXIS (0.5s AVERAGE)
10
Figure 13. 10 g Random Vibration in Rate Axis Orientation


同様の部品番号 - ADXRS401ABG

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXRS401 AD-ADXRS401_15 Datasheet
410Kb / 12P
   75/s Single Chip Yaw Rate Gyro with Signal Conditioning
More results

同様の説明 - ADXRS401ABG

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXRS401 AD-ADXRS401_15 Datasheet
410Kb / 12P
   75/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS150 AD-ADXRS150_15 Datasheet
1Mb / 12P
   150/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS300 AD-ADXRS300 Datasheet
399Kb / 8P
   짹300째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS150 AD-ADXRS150 Datasheet
697Kb / 12P
   짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
AD22304 AD-AD22304 Datasheet
530Kb / 12P
   짹80째/s Single Chip Yaw Rate Gyro with Signal Conditioning
Rev. 0-Preliminary
ADXRS300 AD-ADXRS300_15 Datasheet
194Kb / 8P
   300/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
ADXRS624 AD-ADXRS624 Datasheet
531Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS614 AD-ADXRS614 Datasheet
746Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS624BBGZ AD-ADXRS624BBGZ Datasheet
547Kb / 12P
   50,-50/s Yaw Rate Gyro
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com