データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

YWW7640AF データシート(PDF) 8 Page - IC MICROSYSTEMS

部品番号 YWW7640AF
部品情報  Secure SerialFlash
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICMIC [IC MICROSYSTEMS]
ホームページ  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

YWW7640AF データシート(HTML) 8 Page - IC MICROSYSTEMS

Back Button YWW7640AF Datasheet HTML 4Page - IC MICROSYSTEMS YWW7640AF Datasheet HTML 5Page - IC MICROSYSTEMS YWW7640AF Datasheet HTML 6Page - IC MICROSYSTEMS YWW7640AF Datasheet HTML 7Page - IC MICROSYSTEMS YWW7640AF Datasheet HTML 8Page - IC MICROSYSTEMS YWW7640AF Datasheet HTML 9Page - IC MICROSYSTEMS YWW7640AF Datasheet HTML 10Page - IC MICROSYSTEMS YWW7640AF Datasheet HTML 11Page - IC MICROSYSTEMS YWW7640AF Datasheet HTML 12Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
X76F400
Characteristics subject to change without notice.
8 of 14
REV 1.0 7/5/00
www.icmic.com
ABSOLUTE MAXIMUM RATINGS
Temperature under bias....................–65°C to +135°C
Storage temperature ........................–65°C to +150°C
Voltage on any pin with
respect to V SS .........................................–1V to +7V
D.C. output current............................................... 5mA
Lead temperature (soldering, 10 seconds).........300°C
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification) is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0°C
+70°C
Industrial
–40°C
+85°C
Supply Voltage
Limits
X76F400
4.5V to 5.5V
X76F400 – 2.5
2.5V to 5.5V
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V
Notes: (1)Must perform a stop command after a read command prior to measurement (2)V
IL min. and VIH
max. are for reference only and are not tested
(3)This parameter is periodically sampled and not 100% test
Symbol
Parameter
Limits
Unit
Test Conditions
Min.
Max.
ICC1
VCC Supply current
(Read)
1
mA
fSCL = VCC x 0.1/VCC x 0.9 Levels @ 400 kHz,
SDA = Open
RST = V SS
ICC2(3)
VCC Supply current
(Write)
3
mA
fSCL = VCC x 0.1/VCC x 0.9 Levels @ 400 kHz,
SDA = Open
RST = V SS
ISB1(1)
VCC Supply current
(Standby)
1
µA
VIL = VCC x 0.1, VIH = VCC x 0.9
fSCL = 400 kHz, fSDA = 400 kHz
ISB2(1)
VCC Supply current
(Standby)
1
µA
VSDA = VSCC = VCC
Other = GND or VCC–0.3V
ILI
Input leakage current
10
µA
VIN = VSS to VCC
ILO
Output leakage current
10
µA
VOUT = VSS to VCC
VIL(2)
Input LOW voltage
–0.5
VCC x 0.1
V
VIH(2)
Input HIGH voltage
VCC x 0.9
VCC + 0.5
V
VOL
Output LOW voltage
0.4
V
IOL = 3mA
Symbol
Test
Max.
Unit
Conditions
COUT(3)
Output capacitance (SDA)
8
pF
VI/O = 0V
CIN(3)
Input capacitance (RST, SCL)
6
pF
VIN = 0V


同様の説明 - YWW7640AF

メーカー部品番号データシート部品情報
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
X76F102 XICOR-X76F102 Datasheet
103Kb / 18P
   The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com