データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC133N データシート(PDF) 5 Page - NXP Semiconductors

部品番号 74HC133N
部品情報  13-input NAND gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC133N データシート(HTML) 5 Page - NXP Semiconductors

  74HC133N Datasheet HTML 1Page - NXP Semiconductors 74HC133N Datasheet HTML 2Page - NXP Semiconductors 74HC133N Datasheet HTML 3Page - NXP Semiconductors 74HC133N Datasheet HTML 4Page - NXP Semiconductors 74HC133N Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
September 1993
5
Philips Semiconductors
Product specification
13-input NAND gate
74HC133
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: SSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tf = tr = 6 ns; CL = 50 pF
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
SYMBOL
PARAMETER
Tamb (°C)
TEST CONDITIONS
+25
−40 to +85
−40 to +125
UNIT
VCC
(V)
WAVEFORMS
MIN. TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
tPHL/tPLH
propagation delay
A..M to Y
36
13
10
110
22
19
140
28
23
165
33
28
ns
2.0
4.5
6.0
Fig.6
tTHL/tTLH
output transition
time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.6
Fig.6
Waveforms showing the input (A, B, C, D, E, F, G, H, I, J, K, L, M) to output (Y) propagation delays and
the output transition times.
(1) HC: VM = 50%; VI = GND to VCC.


同様の部品番号 - 74HC133N

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC132 PHILIPS-74HC132 Datasheet
70Kb / 8P
   Quad 2-input NAND Schmitt trigger
September 1993
logo
ON Semiconductor
74HC132 ONSEMI-74HC132 Datasheet
140Kb / 9P
   Quad 2?묲nput NAND Gate with Schmitt?뭈rigger Inputs High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
logo
Silicon Supplies
74HC132 SS-74HC132 Datasheet
566Kb / 5P
   High Speed CMOS Logic
logo
Nexperia B.V. All right...
74HC132 NEXPERIA-74HC132 Datasheet
269Kb / 16P
   Quad 2-input NAND Schmitt trigger
Rev. 7 - 13 August 2021
74HC132-Q100 NEXPERIA-74HC132-Q100 Datasheet
248Kb / 19P
   Quad 2-input NAND Schmitt trigger
More results

同様の説明 - 74HC133N

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54LS133 NSC-54LS133 Datasheet
52Kb / 2P
   13-INPUT NAND GATE
logo
List of Unclassifed Man...
N74F133N602 ETC1-N74F133N602 Datasheet
85Kb / 8P
   13-input NAND gate
logo
Toshiba Semiconductor
TC74HC133AP TOSHIBA-TC74HC133AP_07 Datasheet
219Kb / 7P
   13-Input NAND Gate
logo
List of Unclassifed Man...
GD74HCT133 ETC1-GD74HCT133 Datasheet
165Kb / 4P
   13-INPUT NAND GATE
logo
National Semiconductor ...
MM74HC133 NSC-MM74HC133 Datasheet
149Kb / 4P
   13-Input NAND Gate
logo
Renesas Technology Corp
HD74HC133 RENESAS-HD74HC133 Datasheet
91Kb / 6P
   13-input NAND Gate
logo
Fairchild Semiconductor
DM74S133 FAIRCHILD-DM74S133 Datasheet
46Kb / 4P
   13-Input NAND Gate
logo
NXP Semiconductors
74F133 PHILIPS-74F133 Datasheet
51Kb / 4P
   13.input NAND Gate
July 2, 1993
logo
STMicroelectronics
M54HC133 STMICROELECTRONICS-M54HC133 Datasheet
237Kb / 10P
   13 INPUT NAND GATE
logo
Hitachi Semiconductor
HD74HC133 HITACHI-HD74HC133 Datasheet
52Kb / 9P
   13-input NAND Gate
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com