データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES-4A-P2CK-A5S データシート(PDF) 3 Page - DB Lectro Inc

部品番号 ES-4A-P2CK-A5S
部品情報  Sealed Sub-Miniature Toggle Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DBLECTRO [DB Lectro Inc]
ホームページ  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

ES-4A-P2CK-A5S データシート(HTML) 3 Page - DB Lectro Inc

  ES-4A-P2CK-A5S Datasheet HTML 1Page - DB Lectro Inc ES-4A-P2CK-A5S Datasheet HTML 2Page - DB Lectro Inc ES-4A-P2CK-A5S Datasheet HTML 3Page - DB Lectro Inc ES-4A-P2CK-A5S Datasheet HTML 4Page - DB Lectro Inc ES-4A-P2CK-A5S Datasheet HTML 5Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ES40-T
Sealed Sub-Miniature Toggle Switches
CODE
CONTACT MATERIAL
TERMINAL MATERIAL
RATING
Q
R
G
K
Silver plated
Gold plated over nickel plated
Gold plated over silver plated
Gold plated over nickel plated
Silver plated
Gold plated over nickel plated
Gold plated over silver plated
Tin-lead over nickel plated
0.4VA MAX @ 20 V AC or DC MAX
3 A @ 120V AC or 28 V DC; 1.5 A @ 250 VAC
0.4 VA MAX @ 20 V AC or DC MAX or
3 A @ 120V AC or 28 V DC; 1.5 A @ 250 VAC
0.4VA MAX @ 20 V AC or DC MAX
VERTICAL SUPPORT BRACKET OPTION
A5
The "K" option is only for some special item. Please inquiry first when you need the "K" option
Actuator Option
Bushing dimension
Terminal dimension
P.C.B Mounting Dimension
CONTACT MATERIAL OPTIONS
.100 DIA
ø2.52
.100 DIA
ø2.52
.240
6.10
.320
8.13
.100 DIA
ø2.52
.40
10.16
.550
13.97
.100 DIA
ø2.52
.140
3.50
.100 DIA
2.52ø
T1
T2
T3
T4
T5
.100 DIA
ø2.52
.240
6.10
P2 PLASTIC TOGGLE (NEW)
Meterial Nylon 4/6 (UL 94V-0),black std.
Static resistance:9,000V DC min. @sea
level , actuator to terminals
code
description
P2
black(std.)
P21
white
.177
4.50
.180 DIA
4.57ø
EPOXY SEAL
EPOXY SEAL
.020 THK.
0.76
SP
.020 THK.
0.51
.130
3.30
DP
.200
5.08
.130
3.30
.030
0.76
.200
5.08
.100
2.54
.043 DIA
ø1.09
.100
2.54
.100
2.54
.043 DIA
ø1 .09
.100
2.54
.100
2.54
.200
5.08
.043 DIA
ø1 .09
.200
5.08
.200
5.08
.043 DIA
ø1.09
.100
2.54
.200
5.08
ES-5
.200
5.08
ES-4
.100
2.54
.043 DIA
ø1.09
.200
5.08
.043 DIA
ø1.09
ES-7
.100
2.54
ES-6
.200
5.08
.200
5.08
ES-9
ES-8
SPDT
DPDT
.203
5.16
.363
9.21
.130
3.29
.020
0.51
.400
10.16
.100
2.54
.016
0.41
.240
6.10
.163
4.13
.043
ø1.09
.400
10.16
.100
2.54
.400
10.16
.043 DIA
ø1.09
.200
5.08
.100
2.54
.363
9.22
.382
9.71
.135
3.43
A5S (std.) snap-in type
A5 straight type
.400
10.16
.100
2.54
.016
0.41
.020
0.51
.240
6.10
.163
4.13
ES-4-T2-CQ-A5S
.030
0.76
.200
5.08
ES-5-T2-CQ-A5S
23
A
DB LECTRO Inc.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


同様の部品番号 - ES-4A-P2CK-A5S

メーカー部品番号データシート部品情報
logo
Baumer IVO GmbH & Co. K...
ES-4AN5L IVO-ES-4AN5L Datasheet
799Kb / 20P
   Accessories photoelectric sensors
ES-4AP5L IVO-ES-4AP5L Datasheet
799Kb / 20P
   Accessories photoelectric sensors
More results

同様の説明 - ES-4A-P2CK-A5S

メーカー部品番号データシート部品情報
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
GREATECS
STS1A2B1MTAGER GREATECS-STS1A2B1MTAGER Datasheet
175Kb / 1P
   Sub-Miniature Sealed SMT Toggle Switches
TK41 GREATECS-TK41 Datasheet
176Kb / 3P
   Sealed Sub-Miniature SPDT Toggle Switches
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
logo
ITT Industries
E101MD1ABE ITT-E101MD1ABE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
logo
Grayhill, Inc
34BWSP12B4M2RT GRAYHILL-34BWSP12B4M2RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
logo
C&K Components
E107MD1AV2BE CK-COMPONENTS-E107MD1AV2BE Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E105SD1CBE CK-COMPONENTS-E105SD1CBE Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
logo
GREATECS
TK21 GREATECS-TK21 Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A Datasheet
290Kb / 4P
   PROCESS SEALED MINIATURE TOGGLE SWITCHES
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com