データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC123 データシート(PDF) 10 Page - NXP Semiconductors

部品番号 74HC123
部品情報  Dual retriggerable monostable multivibrator with reset
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC123 データシート(HTML) 10 Page - NXP Semiconductors

Back Button 74HC123 Datasheet HTML 6Page - NXP Semiconductors 74HC123 Datasheet HTML 7Page - NXP Semiconductors 74HC123 Datasheet HTML 8Page - NXP Semiconductors 74HC123 Datasheet HTML 9Page - NXP Semiconductors 74HC123 Datasheet HTML 10Page - NXP Semiconductors 74HC123 Datasheet HTML 11Page - NXP Semiconductors 74HC123 Datasheet HTML 12Page - NXP Semiconductors 74HC123 Datasheet HTML 13Page - NXP Semiconductors 74HC123 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
1998 Jul 08
10
Philips Semiconductors
Product specification
Dual retriggerable monostable
multivibrator with reset
74HC/HCT123
AC WAVEFORMS
Fig.7
Output pulse control using retrigger pulse;
nRD = HIGH.
Fig.8
Output pulse control using reset input in nRD;
nA = LOW.
Fig.9
Typical output pulse width as a function of the
external capacitor values at VCC = 5.0 V and
Tamb =25 °C.
Fig.10 HCT typical “k” factor as a function of VCC;
CX = 10 nF; RX =10kΩ to 100 kΩ.


同様の部品番号 - 74HC123

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC123 NXP-74HC123 Datasheet
155Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-13 July 2009
74HC123 PHILIPS-74HC123 Datasheet
295Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 8-16 December 2011
logo
Silicon Supplies
74HC123 SS-74HC123 Datasheet
610Kb / 7P
   High Speed CMOS Logic
logo
Nexperia B.V. All right...
74HC123 NEXPERIA-74HC123 Datasheet
322Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 12 - 11 August 2021
74HC123-Q100 NEXPERIA-74HC123-Q100 Datasheet
846Kb / 23P
   Dual retriggerable monostable multivibrator with reset
More results

同様の説明 - 74HC123

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com