データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC132PW データシート(PDF) 8 Page - NXP Semiconductors

部品番号 74HC132PW
部品情報  Quad 2-input NAND Schmitt trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC132PW データシート(HTML) 8 Page - NXP Semiconductors

  74HC132PW Datasheet HTML 1Page - NXP Semiconductors 74HC132PW Datasheet HTML 2Page - NXP Semiconductors 74HC132PW Datasheet HTML 3Page - NXP Semiconductors 74HC132PW Datasheet HTML 4Page - NXP Semiconductors 74HC132PW Datasheet HTML 5Page - NXP Semiconductors 74HC132PW Datasheet HTML 6Page - NXP Semiconductors 74HC132PW Datasheet HTML 7Page - NXP Semiconductors 74HC132PW Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
September 1993
8
Philips Semiconductors
Product specification
Quad 2-input NAND Schmitt trigger
74HC/HCT132
Application information
The slow input rise and fall times cause additional power dissipation, this can be calculated using the following formula:
Pad =fi × (tr × ICCa + tf × ICCa) × VCC.
Where:
Average ICCa differs with positive or negative input transitions, as shown in Figs 14 and 15.
Pad
fi
tr
tf
ICCa
= additional power dissipation (
µW)
= input frequency (MHz)
= input rise time (ns); 10%
− 90%
= input fall time (ns); 10%
− 90%
= average additional supply current (
µA)
Fig.14 Average ICC for HC Schmitt trigger devices;
linear change of Vi between 0.1 VCC to
0.9 VCC.
Fig.15 Average ICC for HCT Schmitt trigger
devices; linear change of Vi between
0.1 VCC to 0.9 VCC.
HC/HCT132 used in a relaxation oscillator circuit, see Fig.16.
Note to Application information
All values given are typical unless otherwise specified.
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
Fig.16 Relaxation oscillator using HC/HCT132.
HC:
HCT:
f
1
T
---
1
0.8RC
-----------------
=
f
1
T
---
1
0.67 RC
----------------------
=


同様の部品番号 - 74HC132PW

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HC132PW NEXPERIA-74HC132PW Datasheet
269Kb / 16P
   Quad 2-input NAND Schmitt trigger
Rev. 7 - 13 August 2021
74HC132PW-Q100 NEXPERIA-74HC132PW-Q100 Datasheet
248Kb / 19P
   Quad 2-input NAND Schmitt trigger
More results

同様の説明 - 74HC132PW

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com