データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC190 データシート(PDF) 11 Page - NXP Semiconductors

部品番号 74HC190
部品情報  Presettable synchronous BCD decade up/down counter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC190 データシート(HTML) 11 Page - NXP Semiconductors

Back Button 74HC190 Datasheet HTML 5Page - NXP Semiconductors 74HC190 Datasheet HTML 6Page - NXP Semiconductors 74HC190 Datasheet HTML 7Page - NXP Semiconductors 74HC190 Datasheet HTML 8Page - NXP Semiconductors 74HC190 Datasheet HTML 9Page - NXP Semiconductors 74HC190 Datasheet HTML 10Page - NXP Semiconductors 74HC190 Datasheet HTML 11Page - NXP Semiconductors 74HC190 Datasheet HTML 12Page - NXP Semiconductors 74HC190 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
December 1990
11
Philips Semiconductors
Product specification
Presettable synchronous BCD decade
up/down counter
74HC/HCT190
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CP to Qn
28
48
60
72
ns
4.5
Fig.10
tPHL/ tPLH
propagation delay
CP to TC
34
58
73
87
ns
4.5
Fig.10
tPHL/ tPLH
propagation delay
CP to RC
20
35
44
53
ns
4.5
Fig.11
tPHL/ tPLH
propagation delay
CE to RC
18
33
41
50
ns
4.5
Fig.11
tPHL/ tPLH
propagation delay
Dn to Qn
24
44
55
66
ns
4.5
Fig.12
tPHL/ tPLH
propagation delay
PL to Qn
29
49
61
74
ns
4.5
Fig.13
tPHL/ tPLH
propagation delay
U/D to TC
24
45
56
68
ns
4.5
Fig.14
tPHL/ tPLH
propagation delay
U/D to RC
26
45
56
68
ns
4.5
Fig.14
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.15
tW
clock pulse width
HIGH or LOW
25
10
31
38
ns
4.5
Fig.10
tW
parallel load pulse width
LOW
22
12
28
33
ns
4.5
Fig.15
trem
removal time
PL to CP
7
1
9
11
ns
4.5
Fig.15
tsu
set-up time
U/D to CP
42
25
53
63
ns
4.5
Fig.17
tsu
set-up time
Dn to PL
20
10
25
30
ns
4.5
Fig.16
tsu
set-up time
CE to CP
31
18
39
47
ns
4.5
Fig.17
th
hold time
U/D to CP
0
−18
0
0
ns
4.5
Fig.17
th
hold time
Dn to PL
0
−6
0
0
ns
4.5
Fig.16
th
hold time
CE to CP
0
−10
0
0
ns
4.5
Fig.17
fmax
maximum clock pulse
frequency
16
27
13
11
MHz
4.5
Fig.10


同様の部品番号 - 74HC190

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC191 PHILIPS-74HC191 Datasheet
108Kb / 14P
   Presettable synchronous 4-bit binary up/down counter
December 1990
logo
Nexperia B.V. All right...
74HC191 NEXPERIA-74HC191 Datasheet
296Kb / 18P
   Presettable synchronous 4-bit binary up/down counter
Rev. 6 - 8 September 2021
logo
NXP Semiconductors
74HC191D PHILIPS-74HC191D Datasheet
108Kb / 14P
   Presettable synchronous 4-bit binary up/down counter
December 1990
logo
Nexperia B.V. All right...
74HC191D NEXPERIA-74HC191D Datasheet
296Kb / 18P
   Presettable synchronous 4-bit binary up/down counter
Rev. 6 - 8 September 2021
logo
NXP Semiconductors
74HC191DB PHILIPS-74HC191DB Datasheet
108Kb / 14P
   Presettable synchronous 4-bit binary up/down counter
December 1990
More results

同様の説明 - 74HC190

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC192 PHILIPS-74HC192 Datasheet
90Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
logo
System Logic Semiconduc...
SL74HC192 SLS-SL74HC192 Datasheet
69Kb / 7P
   Presettable BCD/Decade UP/DOWN Counter
logo
Motorola, Inc
MC74F160A MOTOROLA-MC74F160A Datasheet
103Kb / 4P
   SYNCHRONOUS PRESETTABLE BCD DECADE COUNTER
logo
Fairchild Semiconductor
74F162A FAIRCHILD-74F162A Datasheet
70Kb / 7P
   Synchronous Presettable BCD Decade Counter
74F160A FAIRCHILD-74F160A Datasheet
96Kb / 8P
   Synchronous Presettable BCD Decade Counter
logo
Motorola, Inc
MC74AC160 MOTOROLA-MC74AC160 Datasheet
326Kb / 14P
   Synchronous Presettable BCD Decade Counter
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
NXP Semiconductors
74AC11160 PHILIPS-74AC11160 Datasheet
271Kb / 10P
   SYNCHRONOUS PRESETTABLE SYNCHRONOUS BCD DECADE COUNTER
October 17 1990
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com