データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC193 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 74HC193
部品情報  Presettable synchronous 4-bit binary up/down counter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC193 データシート(HTML) 7 Page - NXP Semiconductors

Back Button 74HC193 Datasheet HTML 3Page - NXP Semiconductors 74HC193 Datasheet HTML 4Page - NXP Semiconductors 74HC193 Datasheet HTML 5Page - NXP Semiconductors 74HC193 Datasheet HTML 6Page - NXP Semiconductors 74HC193 Datasheet HTML 7Page - NXP Semiconductors 74HC193 Datasheet HTML 8Page - NXP Semiconductors 74HC193 Datasheet HTML 9Page - NXP Semiconductors 74HC193 Datasheet HTML 10Page - NXP Semiconductors 74HC193 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
December 1990
7
Philips Semiconductors
Product specification
Presettable synchronous 4-bit binary
up/down counter
74HC/HCT193
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max. min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CPU,CPD to Qn
63
23
18
215
43
37
270
54
46
325
65
55
ns
2.0
4.5
6.0
Fig.7
tPHL/ tPLH
propagation delay
CPU to TCU
39
14
11
125
25
21
155
31
26
190
38
32
ns
2.0
4.5
6.0
Fig.8
tPHL/ tPLH
propagation delay
CPD to TCD
39
14
11
125
25
21
155
31
26
190
38
32
ns
2.0
4.5
6.0
Fig.8
tPHL/ tPLH
propagation delay
PL to Qn
69
25
20
220
44
37
275
55
47
330
66
56
ns
2.0
4.5
6.0
Fig.9
tPHL
propagation delay
MR to Qn
58
21
17
200
40
34
250
50
43
300
60
51
ns
2.0
4.5
6.0
Fig.10
tPHL/ tPLH
propagation delay
Dn to Qn
69
25
20
210
42
36
265
53
45
315
63
54
ns
2.0
4.5
6.0
Fig.9
tPHL/ tPLH
propagation delay
PL to TCU, PL to TCD
80
29
23
290
58
49
365
73
62
435
87
74
ns
2.0
4.5
6.0
Fig.12
tPHL/ tPLH
propagation delay
MR to TCU,MRto TCD
74
27
22
285
57
48
355
71
60
430
86
73
ns
2.0
4.5
6.0
Fig.12
tPHL/ tPLH
propagation delay
Dn to TCU,Dn to TCD
80
29
23
290
58
49
365
73
62
435
87
74
ns
2.0
4.5
6.0
Fig.12
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.10
tW
up, down clock pulse
width HIGH or LOW
100
20
17
22
8
6
125
25
21
150
30
26
ns
2.0
4.5
6.0
Fig.7


同様の部品番号 - 74HC193

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC193 NXP-74HC193 Datasheet
157Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74HC193 NXP-74HC193 Datasheet
184Kb / 30P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
logo
Nexperia B.V. All right...
74HC193 NEXPERIA-74HC193 Datasheet
330Kb / 24P
   Presettable synchronous 4-bit binary up/down counter
Rev. 7 - 8 September 2021
74HC193-Q100 NEXPERIA-74HC193-Q100 Datasheet
776Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
74HC193-Q100 NEXPERIA-74HC193-Q100 Datasheet
330Kb / 24P
   Presettable synchronous 4-bit binary up/down counter
Rev. 3 - 8 September 2021
More results

同様の説明 - 74HC193

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC169 NXP-74LVC169 Datasheet
138Kb / 22P
   Presettable synchronous 4-bit up/down binary counter
Rev. 05-8 June 2009
logo
Texas Instruments
CD74AC191 TI-CD74AC191 Datasheet
51Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 NXP-74HC193 Datasheet
157Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74HC193 NXP-74HC193_13 Datasheet
184Kb / 30P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74LVC169 PHILIPS-74LVC169 Datasheet
124Kb / 14P
   Presettable synchronous 4-bit up/down binary counter
1998 May 20
logo
Nexperia B.V. All right...
74HC193-Q100 NEXPERIA-74HC193-Q100 Datasheet
776Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
74HC191 NEXPERIA-74HC191 Datasheet
296Kb / 18P
   Presettable synchronous 4-bit binary up/down counter
Rev. 6 - 8 September 2021
74HCT193-Q100 NEXPERIA-74HCT193-Q100 Datasheet
330Kb / 24P
   Presettable synchronous 4-bit binary up/down counter
Rev. 3 - 8 September 2021
logo
NXP Semiconductors
74HC191 PHILIPS-74HC191 Datasheet
108Kb / 14P
   Presettable synchronous 4-bit binary up/down counter
December 1990
logo
Texas Instruments
CD54AC191 TI-CD54AC191 Datasheet
53Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com