データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC192N データシート(PDF) 10 Page - NXP Semiconductors

部品番号 74HC192N
部品情報  Presettable synchronous BCD decade up/down counter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC192N データシート(HTML) 10 Page - NXP Semiconductors

Back Button 74HC192N Datasheet HTML 5Page - NXP Semiconductors 74HC192N Datasheet HTML 6Page - NXP Semiconductors 74HC192N Datasheet HTML 7Page - NXP Semiconductors 74HC192N Datasheet HTML 8Page - NXP Semiconductors 74HC192N Datasheet HTML 9Page - NXP Semiconductors 74HC192N Datasheet HTML 10Page - NXP Semiconductors 74HC192N Datasheet HTML 11Page - NXP Semiconductors 74HC192N Datasheet HTML 12Page - NXP Semiconductors 74HC192N Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
December 1990
10
Philips Semiconductors
Product specification
Presettable synchronous BCD decade
up/down counter
74HC/HCT192
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL =50pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max. min. max. min.
max.
tPHL/ tPLH
propagation delay
CPU, CPD to Qn
23
43
54
65
ns
4.5
Fig.7
tPHL/ tPLH
propagation delay
CPU to TCU
16
30
38
45
ns
4.5
Fig.8
tPHL/ tPLH
propagation delay
CPD to TCD
17
30
38
45
ns
4.5
Fig.8
tPHL/ tPLH
propagation delay
PL to Qn
28
46
58
69
ns
4.5
Fig.9
tPHL
propagation delay
MR to Qn
24
40
50
60
ns
4.5
Fig.10
tPHL/ tPLH
propagation delay
Dn to Qn
36
62
78
93
ns
4.5
Fig.9
tPHL/ tPLH
propagation delay
PL to TCU, PL to TCD
36
64
80
96
ns
4.5
Fig.12
tPHL/ tPLH
propagation delay
MR to TCU, MR to TCD
36
64
80
96
ns
4.5
Fig.12
tPHL/ tPLH
propagation delay
Dn to TCU,Dn to TCD
33
58
73
87
ns
4.5
Fig.12
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.10
tW
up, down clock pulse width
HIGH or LOW
25
14
31
38
ns
4.5
Fig.7
tW
master reset pulse width
HIGH
16
6
20
24
ns
4.5
Fig.10
tW
parallel load pulse width
LOW
20
10
25
30
ns
4.5
Fig.9
trem
removal time
PL to CPU, CPD
10
1
13
15
ns
4.5
Fig.9
trem
removal time
MR to CPU, CPD
10
2
13
15
ns
4.5
Fig.10
tsu
set-up time
Dn to PL
16
8
20
24
ns
4.5
Fig.11 note:
CPU =CPD =
HIGH
th
hold time
Dn to PL
0
−6
0
0
ns
4.5
Fig.11
th
hold time
CPU to CPD, CPD to CPU
20
9
25
30
ns
4.5
Fig.13
fmax
maximum up, down clock
pulse frequency
20
41
16
13
MHz
4.5
Fig.7


同様の部品番号 - 74HC192N

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HC190D PHILIPS-74HC190D Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HC190DB PHILIPS-74HC190DB Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HC190N PHILIPS-74HC190N Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HC190PW PHILIPS-74HC190PW Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
More results

同様の説明 - 74HC192N

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
logo
System Logic Semiconduc...
SL74HC192 SLS-SL74HC192 Datasheet
69Kb / 7P
   Presettable BCD/Decade UP/DOWN Counter
logo
Motorola, Inc
MC74F160A MOTOROLA-MC74F160A Datasheet
103Kb / 4P
   SYNCHRONOUS PRESETTABLE BCD DECADE COUNTER
logo
Fairchild Semiconductor
74F162A FAIRCHILD-74F162A Datasheet
70Kb / 7P
   Synchronous Presettable BCD Decade Counter
74F160A FAIRCHILD-74F160A Datasheet
96Kb / 8P
   Synchronous Presettable BCD Decade Counter
logo
Motorola, Inc
MC74AC160 MOTOROLA-MC74AC160 Datasheet
326Kb / 14P
   Synchronous Presettable BCD Decade Counter
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
NXP Semiconductors
74AC11160 PHILIPS-74AC11160 Datasheet
271Kb / 10P
   SYNCHRONOUS PRESETTABLE SYNCHRONOUS BCD DECADE COUNTER
October 17 1990
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com