データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM038QB1R10 データシート(PDF) 1 Page - Sharp Corporation

部品番号 LM038QB1R10
部品情報  Medium Size Graphic Type LCD Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHARP [Sharp Corporation]
ホームページ  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM038QB1R10 データシート(HTML) 1 Page - Sharp Corporation

  LM038QB1R10 Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
In the absence of confirmation by device specification sheets, SHARP takes no responsibility
for any defects that may occur in using any SHARP devices shown in catalogs, data books, etc.
Contact SHARP in order to obtain the latest device specification sheets before using any
SHARP device. Specifications are subject to change without notice for improvement.
Outline Dimensions
unit : mm
New Product
Medium Size Graphic Type LCD Module
LM038QB1R10
(Handheld PC)
Features
s 9.6 cm [3.8"] display size
s Thin structure (4.0 mm)
s Reflective B/W display
Specifications
Parameter
Unit
Parameter
Unit
Display size
9.6 [3.8]
cm [ "]
Brightness
-
cd/m2
Dot format(H x V)
320 x 240
dot
Duty ratio
1/240
-
Dot pitch (H x V)
0.24 x 0.24
mm
Backlight type
-
-
Active area (H x V)
76.8 x 57.6
mm
Power consumption
3.5
mW
Panel type
FSTN
-
Overall dimensions (W x H x D) 96.6 x 72.4 x 4.0 (MAX.)
mm
Panel mode
Reflective
-
Weight
35
g
Color
B/W
color
Operating temperature
0 to +40
°C
Contrast ratio
10 : 1
-
Storage temperature
-25 to +60
°C
Response time
500
ms
8
(Bezel Opening Area)
80.8
96.6
(Effective Viewing Area)
79.6
71.4
76.79 (LCD Active Area)
5
0.01
3.5
11.4
43.9
0.24P
Center Line
(Bezel Opening Area)
Dot Size
B
B'
5
3.7


同様の部品番号 - LM038QB1R10

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
LM032L HITACHI-LM032L Datasheet
171Kb / 3P
   5V single power supply 20 character x 2 lines
LM032XMBL HITACHI-LM032XMBL Datasheet
171Kb / 3P
   5V single power supply 20 character x 2 lines
More results

同様の説明 - LM038QB1R10

メーカー部品番号データシート部品情報
logo
Sharp Corporation
LM32019T SHARP-LM32019T Datasheet
64Kb / 1P
   Medium Size Graphic Type LCD Module
LM32019P SHARP-LM32019P Datasheet
63Kb / 1P
   Medium Size Graphic Type LCD Module
LM32P10 SHARP-LM32P10 Datasheet
81Kb / 1P
   Medium Size Graphic Type LCD Module
LM24P20 SHARP-LM24P20 Datasheet
52Kb / 1P
   Medium Size Graphic Type LCD Module
LM32010P SHARP-LM32010P Datasheet
35Kb / 1P
   Medium Size Graphic Type LCD Module
LM32K071 SHARP-LM32K071 Datasheet
71Kb / 1P
   Medium Size Graphic Type LCD Module
LM32P18 SHARP-LM32P18 Datasheet
65Kb / 1P
   Medium Size Graphic Type LCD Module
LM24014H SHARP-LM24014H Datasheet
15Kb / 1P
   Medium Size Graphic Type LCD Module
LM32K101 SHARP-LM32K101 Datasheet
81Kb / 1P
   Medium Size Graphic Type LCD Module
LM480261 SHARP-LM480261 Datasheet
75Kb / 1P
   Medium Size Graphic Type LCD Module
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com