データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC126A データシート(PDF) 7 Page - NXP Semiconductors

部品番号 74LVC126A
部品情報  Quad buffer/line driver with 5 Volt tolerant input/outputs; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC126A データシート(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC126A Datasheet HTML 3Page - NXP Semiconductors 74LVC126A Datasheet HTML 4Page - NXP Semiconductors 74LVC126A Datasheet HTML 5Page - NXP Semiconductors 74LVC126A Datasheet HTML 6Page - NXP Semiconductors 74LVC126A Datasheet HTML 7Page - NXP Semiconductors 74LVC126A Datasheet HTML 8Page - NXP Semiconductors 74LVC126A Datasheet HTML 9Page - NXP Semiconductors 74LVC126A Datasheet HTML 10Page - NXP Semiconductors 74LVC126A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
2003 Feb 28
7
Philips Semiconductors
Product specification
Quad buffer/line driver with 5 Volt
tolerant input/outputs; 3-state
74LVC126A
Notes
1. All typical values are measured at Tamb =25 °C.
2. For I/O ports the parameter IOZ includes the input leakage current.
Tamb = −40 to +125 °C
VIH
HIGH-level input
voltage
1.2
VCC
−−
V
2.7 to 3.6
2.0
−−
V
VIL
LOW-level input
voltage
1.2
−−
GND
V
2.7 to 3.6
−−
0.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −100 µA
2.7 to 3.6
VCC − 0.3
−−
V
IO = −12 mA
2.7
VCC − 0.65 −−
V
IO = −18 mA
3.0
VCC − 0.75 −−
V
IO = −24 mA
3.0
VCC − 1
−−
V
VOL
LOW-level output
voltage
VI =VIH or VIL
IO = 100 µA
2.7 to 3.6
−−
0.3
V
IO = 12 mA
2.7
−−
0.6
V
IO = 24 mA
3.0
−−
0.8
V
ILI
input leakage
current
VI = 5.5 V or GND
3.6
−−
±20
µA
IOZ
3-state output
OFF-state current
VI =VIH or VIL;
VO = 5.5 V or GND;
note 2
3.6
−−
±20
µA
Ioff
power off leakage
supply
VI or VO = 5.5 V
0.0
−−
±20
µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0
3.6
−−
40
µA
∆I
CC
additional quiescent
supply current per
input pin
VI =VCC − 0.6 V;
IO =0
2.7 to 3.6
−−
5000
µA
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
OTHER
VCC (V)


同様の部品番号 - 74LVC126A

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
74LVC126A DIODES-74LVC126A Datasheet
230Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
logo
ON Semiconductor
74LVC126A ONSEMI-74LVC126A Datasheet
101Kb / 9P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC126A NEXPERIA-74LVC126A Datasheet
249Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 11 - 20 September 2021
74LVC126A-Q100 NEXPERIA-74LVC126A-Q100 Datasheet
236Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
74LVC126ABQ NEXPERIA-74LVC126ABQ Datasheet
249Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 11 - 20 September 2021
More results

同様の説明 - 74LVC126A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC125A PHILIPS-74LVC125A Datasheet
94Kb / 10P
   Quad buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74LVC126A-Q100 NEXPERIA-74LVC126A-Q100 Datasheet
236Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
logo
NXP Semiconductors
74LVC125AD-T NXP-74LVC125AD-T Datasheet
124Kb / 16P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 7-11 April 2013
logo
Nexperia B.V. All right...
74LVC125A-Q100 NEXPERIA-74LVC125A-Q100 Datasheet
709Kb / 15P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
74LVC125A NEXPERIA-74LVC125A Datasheet
248Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 9 - 17 September 2021
74LVC126A NEXPERIA-74LVC126A Datasheet
249Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 11 - 20 September 2021
logo
NXP Semiconductors
74LVC241A PHILIPS-74LVC241A Datasheet
96Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 May 20
74LVC541A PHILIPS-74LVC541A Datasheet
94Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC240A PHILIPS-74LVC240A Datasheet
96Kb / 11P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State
1998 May 20
74LVC827A PHILIPS-74LVC827A Datasheet
98Kb / 12P
   10-bit buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Sep 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com