データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC126AD データシート(PDF) 11 Page - NXP Semiconductors

部品番号 74LVC126AD
部品情報  Quad buffer/line driver with 5 Volt tolerant input/outputs; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC126AD データシート(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC126AD Datasheet HTML 7Page - NXP Semiconductors 74LVC126AD Datasheet HTML 8Page - NXP Semiconductors 74LVC126AD Datasheet HTML 9Page - NXP Semiconductors 74LVC126AD Datasheet HTML 10Page - NXP Semiconductors 74LVC126AD Datasheet HTML 11Page - NXP Semiconductors 74LVC126AD Datasheet HTML 12Page - NXP Semiconductors 74LVC126AD Datasheet HTML 13Page - NXP Semiconductors 74LVC126AD Datasheet HTML 14Page - NXP Semiconductors 74LVC126AD Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
2003 Feb 28
11
Philips Semiconductors
Product specification
Quad buffer/line driver with 5 Volt
tolerant input/outputs; 3-state
74LVC126A
PACKAGE OUTLINES
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E(1)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
1.75
0.25
0.10
1.45
1.25
0.25
0.49
0.36
0.25
0.19
8.75
8.55
4.0
3.8
1.27
6.2
5.8
0.7
0.6
0.7
0.3
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included.
1.0
0.4
SOT108-1
X
w M
θ
A
A1
A2
bp
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
7
8
1
14
y
076E06
MS-012
pin 1 index
0.069
0.010
0.004
0.057
0.049
0.01
0.019
0.014
0.0100
0.0075
0.35
0.34
0.16
0.15
0.05
1.05
0.041
0.244
0.228
0.028
0.024
0.028
0.012
0.01
0.25
0.01
0.004
0.039
0.016
99-12-27
03-02-19
0
2.5
5 mm
scale
SO14: plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1


同様の部品番号 - 74LVC126AD

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74LVC126AD NEXPERIA-74LVC126AD Datasheet
249Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 11 - 20 September 2021
74LVC126AD-Q100 NEXPERIA-74LVC126AD-Q100 Datasheet
236Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
logo
ON Semiconductor
74LVC126ADR2G ONSEMI-74LVC126ADR2G Datasheet
101Kb / 9P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
74LVC126ADTR2G ONSEMI-74LVC126ADTR2G Datasheet
101Kb / 9P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
More results

同様の説明 - 74LVC126AD

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC125A PHILIPS-74LVC125A Datasheet
94Kb / 10P
   Quad buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74LVC126A-Q100 NEXPERIA-74LVC126A-Q100 Datasheet
236Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
logo
NXP Semiconductors
74LVC125AD-T NXP-74LVC125AD-T Datasheet
124Kb / 16P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 7-11 April 2013
logo
Nexperia B.V. All right...
74LVC125A-Q100 NEXPERIA-74LVC125A-Q100 Datasheet
709Kb / 15P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
74LVC125A NEXPERIA-74LVC125A Datasheet
248Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 9 - 17 September 2021
74LVC126A NEXPERIA-74LVC126A Datasheet
249Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 11 - 20 September 2021
logo
NXP Semiconductors
74LVC241A PHILIPS-74LVC241A Datasheet
96Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 May 20
74LVC541A PHILIPS-74LVC541A Datasheet
94Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC240A PHILIPS-74LVC240A Datasheet
96Kb / 11P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State
1998 May 20
74LVC827A PHILIPS-74LVC827A Datasheet
98Kb / 12P
   10-bit buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Sep 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com