データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HCT4060 データシート(PDF) 11 Page - NXP Semiconductors

部品番号 74HCT4060
部品情報  14-stage binary ripple counter with oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4060 データシート(HTML) 11 Page - NXP Semiconductors

Back Button 74HCT4060 Datasheet HTML 4Page - NXP Semiconductors 74HCT4060 Datasheet HTML 5Page - NXP Semiconductors 74HCT4060 Datasheet HTML 6Page - NXP Semiconductors 74HCT4060 Datasheet HTML 7Page - NXP Semiconductors 74HCT4060 Datasheet HTML 8Page - NXP Semiconductors 74HCT4060 Datasheet HTML 9Page - NXP Semiconductors 74HCT4060 Datasheet HTML 10Page - NXP Semiconductors 74HCT4060 Datasheet HTML 11Page - NXP Semiconductors 74HCT4060 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
December 1990
11
Philips Semiconductors
Product specification
14-stage binary ripple counter with oscillator
74HC/HCT4060
Fig.7
Test set-up for measuring forward
transconductance gfs =dio / dvi at vo is
constant (see also graph Fig.8);
MR = LOW.
handbook, halfpage
MBA333
14
12
10
8
6
4
2
0123
456
g
fs
(mA/V)
CC
V
(V)
max.
min.
typ.
Fig.8
Typical forward transconductance gfs as a
function of the supply voltage VCC at
Tamb =25 °C.
Fig.9
RC oscillator frequency as a function of
Rt and Ct at VCC = 2.0 to 6.0 V; Tamb =25 °C.
Ct curve at Rt = 100 kΩ; R2 = 200 kΩ.
Rt curve at Ct = 1 nF; R2 = 2 × Rt.
RC OSCILLATOR
Fig.10 Example of a RC oscillator.
Typical formula for oscillator frequency:
f
osc
1
2.5
R
t
C
t
×
×
--------------------------------
=
TIMING COMPONENT LIMITATIONS
The oscillator frequency is mainly determined by RtCt, provided R2 ≈ 2Rt and R2C2 << RtCt. The function of R2 is to
minimize the influence of the forward voltage across the input protection diodes on the frequency. The stray capacitance
C2 should be kept as small as possible. In consideration of accuracy, Ct must be larger than the inherent stray
capacitance. Rt must be larger than the “ON” resistance in series with it, which typically is 280 Ω at VCC = 2.0 V, 130 Ω at
VCC = 4.5 V and 100 Ω at VCC = 6.0 V.
The recommended values for these components to maintain agreement with the typical oscillation formula are:
Ct > 50 pF, up to any practical value,
10 k
Ω< Rt < 1 MΩ.
In order to avoid start-up problems, Rt ≥ 1 kΩ.


同様の部品番号 - 74HCT4060

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HCT4060 NXP-74HCT4060 Datasheet
150Kb / 25P
   14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
logo
Nexperia B.V. All right...
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
logo
NXP Semiconductors
74HCT4060-Q100 NXP-74HCT4060-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
logo
Nexperia B.V. All right...
74HCT4060-Q100 NEXPERIA-74HCT4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
logo
NXP Semiconductors
74HCT4060BQ NXP-74HCT4060BQ Datasheet
150Kb / 25P
   14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
More results

同様の説明 - 74HCT4060

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A_16 Datasheet
116Kb / 11P
   14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
NXP Semiconductors
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
74LV4060 PHILIPS-74LV4060 Datasheet
165Kb / 18P
   14-stage binary ripple counter with oscillator
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
logo
NXP Semiconductors
74HC4060 NXP-74HC4060 Datasheet
150Kb / 25P
   14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
logo
Nexperia B.V. All right...
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com