データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7994BRU-1 データシート(PDF) 7 Page - Analog Devices

部品番号 AD7994BRU-1
部品情報  4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7994BRU-1 データシート(HTML) 7 Page - Analog Devices

Back Button AD7994BRU-1 Datasheet HTML 3Page - Analog Devices AD7994BRU-1 Datasheet HTML 4Page - Analog Devices AD7994BRU-1 Datasheet HTML 5Page - Analog Devices AD7994BRU-1 Datasheet HTML 6Page - Analog Devices AD7994BRU-1 Datasheet HTML 7Page - Analog Devices AD7994BRU-1 Datasheet HTML 8Page - Analog Devices AD7994BRU-1 Datasheet HTML 9Page - Analog Devices AD7994BRU-1 Datasheet HTML 10Page - Analog Devices AD7994BRU-1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD7993/AD7994
Rev. 0 | Page 7 of 32
I2C TIMING SPECIFICATIONS
Guaranteed by initial characterization. All values measured with input filtering enabled. CB refers to capacitive load on the bus line.
tr and tf measured between 0.3 VDD and 0.7 VDD.
High speed mode timing specifications apply to the AD7993-1/AD7994-1 only. Standard and fast mode timing specifications apply to
both the AD7993-0/AD7994-0 and the AD7993-1/AD7994-1. See Figure 2.
Unless otherwise noted, VDD = 2.7 V to 5.5 V; REFIN = 2.5 V; TA =TMIN to TMAX.
Table 3.
AD7993/AD7994
Limit at TMIN, TMAX
Parameter
Conditions
Min
Max
Unit
Description
fSCL
Standard mode
100
kHz
Serial clock frequency
Fast mode
400
kHz
High speed mode
CB = 100 pF max
3.4
MHz
CB = 400 pF max
1.7
MHz
t1
Standard mode
4
µs
tHIGH, SCL high time
Fast mode
0.6
µs
High speed mode
CB = 100 pF max
60
ns
CB = 400 pF max
120
ns
t2
Standard mode
4.7
µs
tLOW, SCL low time
Fast mode
1.3
µs
High speed mode
CB = 100 pF max
160
ns
CB = 400 pF max
320
ns
t3
Standard mode
250
ns
tSU;DAT, data setup time
Fast mode
100
ns
High speed mode
10
ns
t41
Standard mode
0
3.45
µs
tHD;DAT, data hold time
Fast mode
0
0.9
µs
High speed mode
CB = 100 pF max
0
702
ns
CB = 400 pF max
0
150
ns
t5
Standard mode
4.7
µs
tSU;STA, setup time for a repeated start condition
Fast mode
0.6
µs
High speed mode
160
ns
t6
Standard mode
4
µs
tHD;STA, hold time (repeated) start condition
Fast mode
0.6
µs
High speed mode
160
ns
t7
Standard mode
4.7
µs
tBUF, bus free time between a stop and a start
condition
Fast mode
1.3
µs
t8
Standard mode
4
µs
tSU;STO, setup time for stop condition
Fast mode
0.6
µs
High speed mode
160
ns
t9
Standard mode
1000
ns
tRDA, rise time of SDA signal
Fast mode
20 + 0.1 CB
300
ns
High speed mode
CB = 100 pF max
10
80
ns
CB = 400 pF max
20
160
ns


同様の部品番号 - AD7994BRU-1

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7994BRU-1 AD-AD7994BRU-1 Datasheet
277Kb / 27P
   4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
REV. PrF 09/03
More results

同様の説明 - AD7994BRU-1

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7994 AD-AD7994 Datasheet
277Kb / 27P
   4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
REV. PrF 09/03
AD7993 AD-AD7993_15 Datasheet
1Mb / 32P
   4-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 16-Lead TSSOP
REV. 0
AD7994 AD-AD7994_15 Datasheet
1Mb / 32P
   4-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 16-Lead TSSOP
REV. 0
AD7998 AD-AD7998_15 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
REV. 0
AD7997 AD-AD7997_15 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
REV. 0
AD7914 AD-AD7914_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924 AD-AD7924_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904 Datasheet
411Kb / 24P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. 0
AD7924BRUZ AD-AD7924BRUZ Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com