データシートサーチシステム |
|
74HC534 データシート(PDF) 4 Page - NXP Semiconductors |
|
74HC534 データシート(HTML) 4 Page - NXP Semiconductors |
4 / 13 page 1998 Apr 10 4 Philips Semiconductors Product specification Octal D-type flip-flop; positive edge-trigger; 3-state; inverting 74HC/HCT534 FUNCTION TABLE Note 1. H = HIGH voltage level; h = HIGH voltage level one set-up time prior to the LOW-to-HIGH CP transition L = LOW voltage level; I = LOW voltage level one set-up time prior to the LOW-to-HIGH CP transition Z = high impedance OFF-state; ↑ = LOW-to-HIGH clock transition. OPERATING MODES INPUTS INTERNAL FLIP-FLOPS OUTPUTS OE CP Dn Q0 to Q7 load and read register L ↑ lL H L ↑ hH L load register and disable outputs H ↑ lL Z H ↑ hH Z Fig.4 Functional diagram. handbook, halfpage MGM957 3-STATE OUTPUTS Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 19 16 15 12 9 6 5 2 D0 D1 D2 D3 D4 D5 D6 D7 CP OE FF1 to FF8 18 11 1 17 14 13 8 7 4 3 |
同様の部品番号 - 74HC534 |
|
同様の説明 - 74HC534 |