データシートサーチシステム |
|
74HCT541N データシート(PDF) 5 Page - NXP Semiconductors |
|
74HCT541N データシート(HTML) 5 Page - NXP Semiconductors |
5 / 7 page December 1990 5 Philips Semiconductors Product specification Octal buffer/line driver; 3-state 74HC/HCT541 DC CHARACTERISTICS FOR 74HC For the DC characteristics see “74HC/HCT/HCU/HCMOS Logic Family Specifications”. Output capability: bus driver ICC category: MSI AC CHARACTERISTICS FOR 74HC GND = 0 V; tr = tf = 6 ns; CL = 50 pF SYMBOL PARAMETER Tamb (°C) UNIT TEST CONDITIONS 74HC VCC (V) WAVEFORMS +25 −40 to +85 −40 to +125 min. typ. max. min. max. min. max. tPHL/ tPLH propagation delay An to Yn 33 12 10 115 23 20 145 29 25 175 35 30 ns 2.0 4.5 6.0 Fig.6 tPZH/ tPZL 3-state output enable time OE to Yn 55 20 16 160 32 27 200 40 34 240 48 41 ns 2.0 4.5 6.0 Fig.7 tPHZ/ tPLZ 3-state output disable time OE to Yn 61 22 18 160 32 27 200 40 34 240 48 41 ns 2.0 4.5 6.0 Fig.7 tTHL/ tTLH output transition time 14 5 4 60 12 10 75 15 13 90 18 15 ns 2.0 4.5 6.0 Fig.6 |
同様の部品番号 - 74HCT541N |
|
同様の説明 - 74HCT541N |