データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HCT597N データシート(PDF) 7 Page - NXP Semiconductors

部品番号 74HCT597N
部品情報  8-bit shift register with input flip-flops
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT597N データシート(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT597N Datasheet HTML 3Page - NXP Semiconductors 74HCT597N Datasheet HTML 4Page - NXP Semiconductors 74HCT597N Datasheet HTML 5Page - NXP Semiconductors 74HCT597N Datasheet HTML 6Page - NXP Semiconductors 74HCT597N Datasheet HTML 7Page - NXP Semiconductors 74HCT597N Datasheet HTML 8Page - NXP Semiconductors 74HCT597N Datasheet HTML 9Page - NXP Semiconductors 74HCT597N Datasheet HTML 10Page - NXP Semiconductors 74HCT597N Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
December 1990
7
Philips Semiconductors
Product specification
8-bit shift register with input flip-flops
74HC/HCT597
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL =50pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max. min. max. min.
max.
tPHL/ tPLH
propagation delay
SHCP to Q
55
20
16
175
35
30
220
44
37
265
53
45
ns
2.0
4.5
6.0
Fig.7
tPHL
propagation delay
MR to Q
58
21
17
175
35
30
220
44
37
265
53
45
ns
2.0
4.5
6.0
Fig.8
tPHL/ tPLH
propagation delay
STCP to Q
80
29
23
250
50
43
315
63
54
375
75
64
ns
2.0
4.5
6.0
Fig.7
tPHL/ tPLH
propagation delay
PL to Q
69
25
20
215
43
37
270
54
46
325
65
55
ns
2.0
4.5
6.0
Fig.9
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.9
tW
STCP pulse width
HIGH or LOW
80
16
14
11
4
3
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.7
tW
SHCP pulse width
HIGH or LOW
80
16
14
14
5
4
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.7
tW
MR pulse width
LOW
80
16
14
22
8
6
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.8
tW
PL pulse width
LOW
80
16
14
22
8
6
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.9
trem
removal time
MR to SHCP
60
12
10
−3
−1
−1
75
15
13
90
18
15
ns
2.0
4.5
6.0
Fig.10
tsu
set-up time
Dn to STCP
60
12
10
8
3
2
75
15
13
90
18
15
ns
2.0
4.5
6.0
Fig.11


同様の部品番号 - 74HCT597N

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HCT597 NEXPERIA-74HCT597 Datasheet
314Kb / 20P
   8-bit shift register with input flip-flops
Rev. 5 - 26 October 2021
74HCT597-Q100 NEXPERIA-74HCT597-Q100 Datasheet
298Kb / 19P
   8-bit shift register with input flip-flops
Rev. 2 - 26 October 2021
74HCT597D NEXPERIA-74HCT597D Datasheet
314Kb / 20P
   8-bit shift register with input flip-flops
Rev. 5 - 26 October 2021
74HCT597D-Q100 NEXPERIA-74HCT597D-Q100 Datasheet
781Kb / 20P
   8-bit shift register with input flip-flops
74HCT597D-Q100 NEXPERIA-74HCT597D-Q100 Datasheet
298Kb / 19P
   8-bit shift register with input flip-flops
Rev. 2 - 26 October 2021
More results

同様の説明 - 74HCT597N

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC_HCT597 PHILIPS-74HC_HCT597_15 Datasheet
218Kb / 23P
   8-bit shift register with input flip-flops
Rev. 3-15 April 2014
logo
Nexperia B.V. All right...
74HCT597-Q100 NEXPERIA-74HCT597-Q100 Datasheet
298Kb / 19P
   8-bit shift register with input flip-flops
Rev. 2 - 26 October 2021
74HC597-Q100 NEXPERIA-74HC597-Q100 Datasheet
781Kb / 20P
   8-bit shift register with input flip-flops
74HCT597 NEXPERIA-74HCT597 Datasheet
314Kb / 20P
   8-bit shift register with input flip-flops
Rev. 5 - 26 October 2021
logo
NXP Semiconductors
74HC7597 PHILIPS-74HC7597 Datasheet
90Kb / 12P
   8-bit shift register with input latches
December 1990
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
logo
NXP Semiconductors
74F597 PHILIPS-74F597 Datasheet
97Kb / 12P
   8-bit shift register with input storage registers
1991 Sep 13
logo
Diodes Incorporated
74HCT594 DIODES-74HCT594 Datasheet
277Kb / 12P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com