データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HCT594D データシート(PDF) 6 Page - NXP Semiconductors

部品番号 74HCT594D
部品情報  8-bit shift register with output register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT594D データシート(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT594D Datasheet HTML 2Page - NXP Semiconductors 74HCT594D Datasheet HTML 3Page - NXP Semiconductors 74HCT594D Datasheet HTML 4Page - NXP Semiconductors 74HCT594D Datasheet HTML 5Page - NXP Semiconductors 74HCT594D Datasheet HTML 6Page - NXP Semiconductors 74HCT594D Datasheet HTML 7Page - NXP Semiconductors 74HCT594D Datasheet HTML 8Page - NXP Semiconductors 74HCT594D Datasheet HTML 9Page - NXP Semiconductors 74HCT594D Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
December 1991
6
Philips Semiconductors
Product specification
8-bit shift register with output register
74HC/HCT594
DC CHARACTERISTICS FOR 74HC
For the DC characteristics, see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: parallel outputs, bus driver; serial output, standard.
ICC category: MSI.
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr = tf = 6 ns; CL = 50 pF.
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
+25
−40 to +85 −40 to +125
VCC
(V)
WAVEFORMS
min.
typ.
max. min.
max.
min.
max.
tPHL/tPLH
propagation delay
SHCP to Q7
44
16
14
150
30
26
185
37
31
225
45
38
ns
ns
ns
2.0
4.5
6.0
Fig.7
propagation delay
STCP to Qn
44
16
14
150
30
26
185
37
31
225
45
38
ns
ns
ns
2.0
4.5
6.0
Fig.8
tPHL
propagation delay
SHR to Q7
39
14
12
150
30
26
185
37
31
225
45
38
ns
ns
ns
2.0
4.5
6.0
Fig.11
propagation delay
STR to Qn
39
14
12
125
25
21
155
31
26
185
37
31
ns
ns
ns
2.0
4.5
6.0
Fig.12
tW
shift clock pulse width
HIGH or LOW
80
16
14
10
4
3
100
20
17
120
24
20
ns
ns
ns
2.0
4.5
6.0
Fig.7
storage clock pulse
width HIGH or LOW
80
16
14
10
4
3
100
20
17
120
24
20
ns
ns
ns
2.0
4.5
6.0
Fig.8
shift and storage reset
pulse width HIGH or
LOW
80
16
14
14
5
4
100
20
17
120
24
20
ns
ns
ns
2.0
4.5
6.0
Fig.11 and Fig.12
tsu
set-up time
Ds to SHCP
100
20
17
10
4
3
125
25
21
150
30
26
ns
ns
ns
2.0
4.5
6.0
Fig.9
set-up time
SHR to STCP
100
20
17
14
5
4
125
25
21
150
30
26
ns
ns
ns
2.0
4.5
6.0
Fig.10
set-up time
SHCP to STCP
100
20
17
17
6
5
125
25
21
150
30
26
ns
ns
ns
2.0
4.5
6.0
Fig.8


同様の部品番号 - 74HCT594D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HCT594D NXP-74HCT594D Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74HCT594D NEXPERIA-74HCT594D Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
74HCT594D-Q100 NEXPERIA-74HCT594D-Q100 Datasheet
873Kb / 25P
   8-bit shift register with output register
74HCT594D-Q100 NEXPERIA-74HCT594D-Q100 Datasheet
329Kb / 22P
   8-bit shift register with output register
Rev. 4 - 27 September 2022
logo
NXP Semiconductors
74HCT594DB NXP-74HCT594DB Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
More results

同様の説明 - 74HCT594D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
logo
NXP Semiconductors
74AHC_AHCT594 PHILIPS-74AHC_AHCT594_15 Datasheet
132Kb / 22P
   8-bit shift register with output register
Rev. 02-9 June 2008
74AHC594 PHILIPS-74AHC594 Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
logo
Nexperia B.V. All right...
74HC594-Q100 NEXPERIA-74HC594-Q100 Datasheet
873Kb / 25P
   8-bit shift register with output register
74HC594 NEXPERIA-74HC594 Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
logo
NXP Semiconductors
74HC594 NXP-74HC594 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A-Q100 NEXPERIA-74LVC594A-Q100 Datasheet
253Kb / 21P
   8-bit shift register with output register
74HC-HCT594-Q100 NEXPERIA-74HC-HCT594-Q100 Datasheet
329Kb / 22P
   8-bit shift register with output register
Rev. 4 - 27 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com