データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HCT646PW データシート(PDF) 6 Page - NXP Semiconductors

部品番号 74HCT646PW
部品情報  Octal bus transceiver/register; 3-state
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT646PW データシート(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT646PW Datasheet HTML 2Page - NXP Semiconductors 74HCT646PW Datasheet HTML 3Page - NXP Semiconductors 74HCT646PW Datasheet HTML 4Page - NXP Semiconductors 74HCT646PW Datasheet HTML 5Page - NXP Semiconductors 74HCT646PW Datasheet HTML 6Page - NXP Semiconductors 74HCT646PW Datasheet HTML 7Page - NXP Semiconductors 74HCT646PW Datasheet HTML 8Page - NXP Semiconductors 74HCT646PW Datasheet HTML 9Page - NXP Semiconductors 74HCT646PW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
September 1993
6
Philips Semiconductors
Product specification
Octal bus transceiver/register; 3-state
74HC/HCT646
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL =50pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max. min. max. min.
max.
tPHL/ tPLH
propagation delay
An,Bn to Bn,An
39
14
11
135
27
23
170
34
29
205
41
35
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH
propagation delay
CPAB,CPBA to Bn,An
66
24
19
220
44
37
275
55
47
330
66
56
ns
2.0
4.5
6.0
Fig.7
tPHL/ tPLH
propagation delay
SAB,SBA to Bn,An
55
20
16
190
38
32
240
48
41
285
57
48
ns
2.0
4.5
6.0
Fig.8
tPZH/ tPZL
3-state output enable
time
OE to An,Bn
47
17
14
175
35
30
220
44
37
265
53
45
ns
2.0
4.5
6.0
Fig.9
tPHZ/ tPLZ
3-state output disable
time OE to An,Bn
58
21
17
175
35
30
220
44
37
265
53
45
ns
2.0
4.5
6.0
Fig.9
tPZH/ tPZL
3-state output enable
time DIR to An,Bn
50
18
14
175
35
30
220
44
37
265
53
45
ns
2.0
4.5
6.0
Fig.10
tPHZ/ tPLZ
3-state output disable
time DIR to An,Bn
50
18
14
175
35
30
220
44
37
265
53
45
ns
2.0
4.5
6.0
Fig.10
tTHL/ tTLH
output transition time
14
5
4
60
12
10
75
15
13
90
18
15
ns
2.0
4.5
6.0
Fig.6 and Fig.8
tW
clock pulse width
HIGH or LOW
CPAB or CPBA
80
16
14
25
9
7
100
24
20
120
24
20
ns
2.0
4.5
6.0
Fig.7
tsu
set-up time
An,Bn to CPAB,CPBA
60
12
10
−3
−1
−1
75
15
13
90
18
15
ns
2.0
4.5
6.0
Fig.7
th
hold time
An,Bn to CPAB,CPBA
35
7
6
6
2
2
45
9
8
55
11
9
ns
2.0
4.5
6.0
Fig.7
fmax
maximum clock pulse
frequency
6.0
30
35
21
63
75
4.8
24
28
4.0
20
24
MHz
2.0
4.5
6.0
Fig.7


同様の部品番号 - 74HCT646PW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HCT640 PHILIPS-74HCT640 Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
74HCT640D PHILIPS-74HCT640D Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
74HCT640DB PHILIPS-74HCT640DB Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
74HCT640N PHILIPS-74HCT640N Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
74HCT640PW PHILIPS-74HCT640PW Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
More results

同様の説明 - 74HCT646PW

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
   Octal bus transceiver/register; 3-state
September 1993
logo
Toshiba Semiconductor
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
M74HC651 STMICROELECTRONICS-M74HC651 Datasheet
202Kb / 12P
   HC652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HC651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
logo
NXP Semiconductors
74ABT646A PHILIPS-74ABT646A Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
74LVC646A PHILIPS-74LVC646A Datasheet
138Kb / 16P
   Octal bus transceiver/register 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com