データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HCT7245 データシート(PDF) 5 Page - NXP Semiconductors

部品番号 74HCT7245
部品情報  Octal bus Schmitt-trigger transceiver; 3-state
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT7245 データシート(HTML) 5 Page - NXP Semiconductors

  74HCT7245 Datasheet HTML 1Page - NXP Semiconductors 74HCT7245 Datasheet HTML 2Page - NXP Semiconductors 74HCT7245 Datasheet HTML 3Page - NXP Semiconductors 74HCT7245 Datasheet HTML 4Page - NXP Semiconductors 74HCT7245 Datasheet HTML 5Page - NXP Semiconductors 74HCT7245 Datasheet HTML 6Page - NXP Semiconductors 74HCT7245 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
December 1990
5
Philips Semiconductors
Product specification
Octal bus Schmitt-trigger transceiver;
3-state
74HC/HCT7245
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
TRANSFER CHARACTERISTICS FOR 74HCT
Voltages are referred to GND (ground = 0 V)
INPUT
UNIT LOAD COEFFICIENT
An
Bn
OE
DIR
0.33
0.33
1.50
1.00
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max. min.
max.
min. max.
VT+
positive-going threshold
2.0
2.1
2.0
2.1
2.0
2.1
V
4.5
5.5
Figs. 4 and 5
VT−
negative-going threshold
0.7
0.8
0.64
0.74
0.6
0.7
V
4.5
5.5
Figs. 4 and 5
VH
hysteresis (VT+ − VT−)
0.17
0.17
0.23
0.23
V
4.5
5.5
Figs. 4 and 5


同様の部品番号 - 74HCT7245

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HCT7273 PHILIPS-74HCT7273 Datasheet
91Kb / 20P
   Octal D-type flip-flop with reset; positive edge-trigger; open drain outputs
1999 Oct 01
74HCT7273D PHILIPS-74HCT7273D Datasheet
91Kb / 20P
   Octal D-type flip-flop with reset; positive edge-trigger; open drain outputs
1999 Oct 01
74HCT7273N PHILIPS-74HCT7273N Datasheet
91Kb / 20P
   Octal D-type flip-flop with reset; positive edge-trigger; open drain outputs
1999 Oct 01
More results

同様の説明 - 74HCT7245

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com