データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54ABT543E-QML データシート(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 54ABT543E-QML
部品情報  Octal Registered Transceiver with TRI-STATE짰 Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT543E-QML データシート(HTML) 5 Page - National Semiconductor (TI)

  54ABT543E-QML Datasheet HTML 1Page - National Semiconductor (TI) 54ABT543E-QML Datasheet HTML 2Page - National Semiconductor (TI) 54ABT543E-QML Datasheet HTML 3Page - National Semiconductor (TI) 54ABT543E-QML Datasheet HTML 4Page - National Semiconductor (TI) 54ABT543E-QML Datasheet HTML 5Page - National Semiconductor (TI) 54ABT543E-QML Datasheet HTML 6Page - National Semiconductor (TI) 54ABT543E-QML Datasheet HTML 7Page - National Semiconductor (TI) 54ABT543E-QML Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AC Operating Requirements
54ABT
T
A = −55˚C to +125˚C
Fig.
Symbol
Parameter
V
CC = 4.5V–5.5V
Units
No.
C
L =50 pF
Min
Max
t
S(H)
Setup Time, HIGH or LOW
3.5
ns
Figure
7
t
S(L)
A
n or Bn to LEBA or LEAB
3.0
t
H(H)
Hold Time, HIGH or LOW
2.0
ns
Figure
7
t
H(L)
A
n or Bn to LEBA or LEAB
2.0
t
S(H)
Setup Time, HIGH or LOW
3.3
ns
Figure
7
t
S(L)
A
n or Bn to CEAB or CEBA
2.5
t
H(H)
Hold Time, HIGH or LOW
2.0
ns
Figure
7
t
H(L)
A
n or Bn to CEAB or CEBA
2.0
t
W(L)
Pulse Width, LOW
3.5
ns
Figure
5
Capacitance
Symbol
Parameter
Typ
Units
Conditions: T
A = 25˚C
C
IN
Input Capacitance
5.0
pF
V
CC = 0V (non I/O pins)
C
I/O(Note 6)
Output Capacitance
11.0
pF
V
CC = 5.0V (An,Bn)
Note 6: CI/O is measured at frequency, f = 1 MHz, PER MIL-STD-883, METHOD 3012.
AC Loading
10021804
*Includes jig and probe capacitance
FIGURE 1. Standard AC Test Load
10021806
FIGURE 2. V
M = 1.5V
Input Pulse Requirements
Amplitude Rep. Rate
t
w
t
r
t
f
3V
1 MHz
500 ns
2.5 ns
2.5 ns
FIGURE 3. Test Input Signal Requirements
www.national.com
5


同様の部品番号 - 54ABT543E-QML

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54ABT541 NSC-54ABT541 Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541E-QML NSC-54ABT541E-QML Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541J-QML NSC-54ABT541J-QML Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541W-QML NSC-54ABT541W-QML Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Texas Instruments
54ABT541 TI1-54ABT541_13 Datasheet
304Kb / 10P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
More results

同様の説明 - 54ABT543E-QML

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54F563 NSC-54F563 Datasheet
169Kb / 8P
   Octal D-Type Latch with TRI-STATE짰 Outputs
54ACTQ544 NSC-54ACTQ544 Datasheet
144Kb / 8P
   Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
54ACTQ543 NSC-54ACTQ543 Datasheet
156Kb / 10P
   Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
74ABT16952 NSC-74ABT16952 Datasheet
149Kb / 8P
   16-Bit Registered Transceiver with TRI-STATE Outputs
logo
Texas Instruments
SN74ABT543A TI-SN74ABT543A Datasheet
108Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI-SN74LVC543A Datasheet
150Kb / 10P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543 TI1-74ACT11543_11 Datasheet
379Kb / 12P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F543 TI1-SN74F543_15 Datasheet
506Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI1-SN74LVC543A_16 Datasheet
823Kb / 16P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT543 FAIRCHILD-74ABT543 Datasheet
78Kb / 8P
   Octal Registered Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com