データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N1200-96-0 データシート(PDF) 3 Page - Artesyn Technologies

部品番号 N1200-96-0
部品情報  Single, dual, triple and quad output 1000 and 1200 Watt AC/DC high wattage power supplies with PFC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARTESYN [Artesyn Technologies]
ホームページ  
Logo ARTESYN - Artesyn Technologies

N1200-96-0 データシート(HTML) 3 Page - Artesyn Technologies

  N1200-96-0 Datasheet HTML 1Page - Artesyn Technologies N1200-96-0 Datasheet HTML 2Page - Artesyn Technologies N1200-96-0 Datasheet HTML 3Page - Artesyn Technologies N1200-96-0 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Mechanical notes
A
AC connector is 3 position terminal block (#8 screws included), mating to
#8 ring tongue terminal.
B
DC output is 5/16-18 studs mating to 5/16 terminal lugs.
C J1 signal connector is Molex 39-30-1140 or equivalent. Mating connector
is Molex 39-01-2140 or equivalent.
D
J2 signal connector is Molex 39-01-1120 or equivalent. Mating connector
is 39-01-2120 or equivalent.
E
Signal connector contacts are Molex 39-00-0039 or equivalent.
F
Auxiliary DC output(s) are 6 position terminal block (#8 screws included)
mating to #8 ring tongue terminal.
G TB1 and J2 are not installed on single output models.
5.00
(127.00)
12.13 Max.
(308.10)
ALL DIMENSIONS IN INCHES (mm)
6.750
(171.450)
11.00
(279.40)
0.75
(19.05)
4.00
(101.60)
0.50 (12.70)
5.75
(146.05)
1.13
(28.70)
8.00
(203.2)
AIRFLOW
0.90 (22.86)
1.30 (33.02)
0.90 (22.86)
8-32 x 0.29 (7.37) Deep (Max.)
(4) Top and Bottom
2.80
(71.12)
8-32 X 0.29 (7.37) Deep (Max.)
(4) Both Sides
J1
Pin 1
J2
Pin 1
J
1
J
2
+
v
2
-
+
v
3
-
+
v
4
-
V2
V3
V4
V1
_
+
V1
Main Output
5/16 - 18 Studs
50 IN-LB Torque Max.
Auxiliary Outputs
(# 8 Screws)
AC Input
(# 8 Screws)
T
B
1
TB1 and J2 are Not
Installed on Single
Output Models
ACH
ACN
Notes
1
1000W or 1200W max. power. 500/600W max. power (V2 thru V4). All
outputs isolated.
2
Specifications refer to all outputs except as noted (V1).
3
Signal referenced to V1 output neg. sense trim.
4
Use 20AWG or larger twisted pair.
5
Reference to Logic Ground (Pin J1-11).
6
See Figure 4.
7
See Figure 3.
8
See Figure 5.
OUTPUT PIN CONNECTIONS
PIN NO.
J1
J2
1
+ Sense (V1) (4)
+ Sense (V2)
2
Current Monitor (V1) (5)
- Sense (V2)
3
Inhibit (5)
Current Share (V2)
4
- Sense (V1) (4)
+ Sense (V4)
5
No Connection
- Sense (V4)
6
No Connection
Current Share (V4)
7
Current Share (5)
Remote Adj. (V2) (6)
8
Remote Adj. (V1) (6)
Remote Adj. (V3) (6)
9
AC Good (5)
Remote Adj. (V4) (6)
10
Chassis Ground
Current Share (V3)
11
Logic Ground
- Sense (V3)
12
Margin (7)
+ Sense (V3)
13
No Connection
N/A
14
DC OK (5,8)
N/A
PAGE 3
1000 and 1200 Watt
AC/DC high wattage power supplies with PFC
1000-1200W AC/DC
|
MEDIUM TO HIGH POWER AC/DC POWER SUPPLIES


同様の部品番号 - N1200-96-0

メーカー部品番号データシート部品情報
logo
Heyco.
N120 HEYCO-N120 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
logo
List of Unclassifed Man...
N1206R225KCT ETC2-N1206R225KCT Datasheet
696Kb / 19P
   Multilayer Ceramic Capacitors
N1206R225KNT ETC2-N1206R225KNT Datasheet
696Kb / 19P
   Multilayer Ceramic Capacitors
logo
MMD Components
N120AA1 MMD-N120AA1 Datasheet
101Kb / 1P
   Industry Standard Package
N120AA2 MMD-N120AA2 Datasheet
101Kb / 1P
   Industry Standard Package
More results

同様の説明 - N1200-96-0

メーカー部品番号データシート部品情報
logo
Artesyn Technologies
N1500 ARTESYN-N1500 Datasheet
63Kb / 4P
   Single, and dual output 1500 and 2000 Watt AC/DC high wattage power supplies with PFC
CMP350 ARTESYN-CMP350 Datasheet
96Kb / 5P
   Quad output 350 Watt AC/DC high wattage power supplies with PFC
M3000 ARTESYN-M3000 Datasheet
62Kb / 4P
   Single output 3000 and 4000 Watt AC/DC high current power supplies with PFC
logo
Wall Industries,Inc.
PS1K2U WALL-PS1K2U Datasheet
165Kb / 4P
   1200 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS1K2 WALL-PS1K2 Datasheet
181Kb / 4P
   1200 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
logo
Artesyn Technologies
SCL25 ARTESYN-SCL25 Datasheet
120Kb / 2P
   Single and dual output 25 Watt AC/DC external power supplies
NFS200 ARTESYN-NFS200 Datasheet
242Kb / 4P
   Triple and quad output 200 Watt AC/DC universal input switch mode power supplies
NFS350 ARTESYN-NFS350 Datasheet
238Kb / 4P
   Triple and quad output 350 Watt AC/DC universal input switch mode power supplies
NAN40 ARTESYN-NAN40 Datasheet
68Kb / 2P
   Dual and triple output 40 Watt AC/DC universal input switch mode power supplies
NFN25 ARTESYN-NFN25 Datasheet
44Kb / 2P
   Dual and triple output 25 Watt AC/DC universal input switch mode power supplies
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com