データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HCU04N データシート(PDF) 6 Page - NXP Semiconductors

部品番号 74HCU04N
部品情報  Hex inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCU04N データシート(HTML) 6 Page - NXP Semiconductors

  74HCU04N Datasheet HTML 1Page - NXP Semiconductors 74HCU04N Datasheet HTML 2Page - NXP Semiconductors 74HCU04N Datasheet HTML 3Page - NXP Semiconductors 74HCU04N Datasheet HTML 4Page - NXP Semiconductors 74HCU04N Datasheet HTML 5Page - NXP Semiconductors 74HCU04N Datasheet HTML 6Page - NXP Semiconductors 74HCU04N Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
September 1993
6
Philips Semiconductors
Product specification
Hex inverter
74HCU04
Fig.10 Test set-up for measuring forward
transconductance gfs =dio/dvi at vo is constant
(see also graph Fig.11).
Fig.11 Typical forward transconductance gfs as a
function of the supply voltage VCC at
Tamb =25°C.
APPLICATION INFORMATION
Some applications for the “HCU04” are:
• Linear amplifier (see Fig.12)
• In crystal oscillator designs (see Fig.13)
• Astable multivibrator (see Fig.14)
Fig.12 HCU04 used as a linear amplifier.
ZL > 10 kΩ; AOL = 20 (typ.)
VO max (p-p) ≈ VCC −2 V centered at 12VCC
3k
Ω≤ R1, R2 ≤ 1 MΩ
Typical unity gain bandwidth product is 5 MHz.
CI (see Fig.15)
AOL = open loop amplification
Au = voltage amplification
A
u
A
OL
1
R1
R2
-------- 1A
OL
+
()
+
---------------------------------------------;
=


同様の部品番号 - 74HCU04N

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74HCU04 ONSEMI-74HCU04 Datasheet
133Kb / 9P
   Hex Unbuffered Inverter
March, 2007 ??Rev. 0
logo
Diodes Incorporated
74HCU04 DIODES-74HCU04 Datasheet
229Kb / 9P
   UNBUFFERED HEX INVERTERS
logo
Nexperia B.V. All right...
74HCU04 NEXPERIA-74HCU04 Datasheet
258Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 May 2021
74HCU04-Q100 NEXPERIA-74HCU04-Q100 Datasheet
823Kb / 16P
   Hex unbuffered inverter
74HCU04BQ NEXPERIA-74HCU04BQ Datasheet
258Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 May 2021
More results

同様の説明 - 74HCU04N

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com