データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP270EZ データシート(PDF) 9 Page - Analog Devices

部品番号 OP270EZ
部品情報  Dual Very Low Noise Precision Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

OP270EZ データシート(HTML) 9 Page - Analog Devices

Back Button OP270EZ Datasheet HTML 5Page - Analog Devices OP270EZ Datasheet HTML 6Page - Analog Devices OP270EZ Datasheet HTML 7Page - Analog Devices OP270EZ Datasheet HTML 8Page - Analog Devices OP270EZ Datasheet HTML 9Page - Analog Devices OP270EZ Datasheet HTML 10Page - Analog Devices OP270EZ Datasheet HTML 11Page - Analog Devices OP270EZ Datasheet HTML 12Page - Analog Devices OP270EZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. C
OP270
–9–
RS – SOURCE RESISTANCE ( )
100
100
1k
10k
100k
1
10
RESISTOR
NOISE ONLY
OP200
OP270
Figure 4. Total Noise vs. Source Resistance
(Including Resistor Noise) at 10 Hz
RS – SOURCE RESISTANCE ( )
1000
100
1k
10k
100k
10
100
RESISTOR
NOISE ONLY
OP200
OP270
Figure 5. Peak-to-Peak Noise (0.1 Hz to 10 Hz) vs.
Source Resistance (Includes Resistor Noise)
Figure 5 shows peak-to-peak noise versus source resistance over the
0.1 Hz to 10 Hz range. Once again, at low values of RS, the voltage
noise of the OP270 is the major contributor to peak-to-peak
noise, with current noise the major contributor as RS increases.
The crossover point between the OP270 and the OP200 for
peak-to-peak noise is at RS =17k
W.
The OP271 is a higher speed version of the OP270, with a slew
rate of 8 V/
ms. Noise of the OP271 is slightly higher than that of
the OP270. Like the OP270, the OP271 is unity-gain stable.
For reference, typical source resistances of some signal sources
are listed in Table I.
Table I.
Source
Device
Impedance
Comments
Strain gage
<500
W
Typically used in low
frequency applications.
Magnetic
<1500
W
Low IB very important to reduce
tapehead,
self-magnetization problems
microphone
when direct coupling is used.
OP270 IB can be neglected.
Magnetic
<1500
W
Similar need for low IB in
phonograph
direct coupled applications.
cartridge
OP270 will not introduce any
self-magnetization problem.
Linear variable <1500
W
Used in rugged servo-feedback
differential
applications. Bandwidth of
transformer
interest is 400 Hz to 5 kHz.
R1
5
R2
5
OP270
DUT
+
R3
1.24k
OP27E
+
R4
200
R5
909
C1
2 F
R6
600
R8
10k
D1, D2
1N4148
OP27E
+
R9
306k
C2
0.032 F
R10
65.4k
R11
65.4k
C4
0.22 F
C3
0.22 F
OP42E
+
R12
10k
R13
5.9k
R14
4.99k
C5
1 F
eOUT
GAIN = 50,000
VS = 15V
Figure 6. Peak-to-Peak Voltage Noise Test Circuit (0.1 Hz to 10 Hz)


同様の部品番号 - OP270EZ

メーカー部品番号データシート部品情報
logo
Analog Devices
OP270EZ AD-OP270EZ Datasheet
425Kb / 20P
   Dual Very Low Noise Precision Operational Amplifier
Rev. E
OP270EZ AD-OP270EZ Datasheet
383Kb / 21P
   Dual Very Low Noise Precision Operational Amplifier
More results

同様の説明 - OP270EZ

メーカー部品番号データシート部品情報
logo
Analog Devices
OP-270 AD-OP-270 Datasheet
601Kb / 16P
   DUAL VERY LOW NOISE PRECISION OPERATIONAL AMPLIFIER
OP270GPZ AD-OP270GPZ Datasheet
425Kb / 20P
   Dual Very Low Noise Precision Operational Amplifier
Rev. E
OP270 AD-OP270_17 Datasheet
383Kb / 21P
   Dual Very Low Noise Precision Operational Amplifier
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA2111 BURR-BROWN-OPA2111 Datasheet
231Kb / 13P
   Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222 Datasheet
65Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
January 1996
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com