データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LV688 データシート(PDF) 4 Page - NXP Semiconductors

部品番号 74LV688
部品情報  8-bit magnitude comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV688 データシート(HTML) 4 Page - NXP Semiconductors

  74LV688 Datasheet HTML 1Page - NXP Semiconductors 74LV688 Datasheet HTML 2Page - NXP Semiconductors 74LV688 Datasheet HTML 3Page - NXP Semiconductors 74LV688 Datasheet HTML 4Page - NXP Semiconductors 74LV688 Datasheet HTML 5Page - NXP Semiconductors 74LV688 Datasheet HTML 6Page - NXP Semiconductors 74LV688 Datasheet HTML 7Page - NXP Semiconductors 74LV688 Datasheet HTML 8Page - NXP Semiconductors 74LV688 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
74LV688
8-bit magnitude comparator
1998 Jun 23
4
ABSOLUTE MAXIMUM RATINGS1, 2
In accordance with the Absolute Maximum Rating System (IEC 134).
Voltages are referenced to GND (ground = 0V).
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCC
DC supply voltage
–0.5
+7.0
V
IIK
DC input diode current
VI < –0.5 V or V1 > VCC + 0.5V
± 20
mA
IOK
DC output diode current
VO < –0.5 V or V0 > VCC + 0.5V
± 50
mA
IO
DC output source or sink current
– standard outputs
–0.5V < VO < VCC +0.5V
± 25
mA
± IGND,
± ICC
DC VCC or GND current for types with
– standard outputs
± 50
mA
Tstg
Storage temperature range
–65
+150
°C
Ptot
power dissipation per package
– plastic DIL
– plastic mini-pack (SO)
– plastic medium-shrink SO (SSOP and TSSOP)
for temperature range: –40 to +125
°C
above +70
°C derate linearly with 12 mW/K
above +70
°C derate linearly with 8 mW/K
above +60
°C derate linearly with 5.5 mW/K
750
500
400
mW
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute–maximum–rated conditions for extended periods may affect device reliability.
2. The performance capability of a high–performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
DC supply voltage
see note 1
1.0
3.3
5.5
V
VI
DC Input voltage
0
VCC
V
VO
DC output voltage
0
VCC
V
Tamb
Operating ambient temperature range in
free–air
See DC and AC characteristics
–40
–40
+85
+125
°C
tr, tf
(∆t/∆v)
Input rise and fall times
VCC = 1.0V to 2.0V
VCC = 2.0V to 2.7V
VCC = 2.7V to 3.6V
VCC = 3.6V to 5.5V
500
200
100
50
ns/V
NOTE:
1. The LV is guaranteed to function down to VCC = 1.0V (input levels GND or VCC); DC characteristics are guaranteed from VCC = 1.2V to VCC = 5.5V.


同様の部品番号 - 74LV688

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LV00 PHILIPS-74LV00 Datasheet
104Kb / 10P
   Quad 2-input NAND gate
1998 Apr 20
logo
Nexperia B.V. All right...
74LV00 NEXPERIA-74LV00 Datasheet
232Kb / 12P
   Quad 2-input NAND gate
Rev. 5 - 10 September 2021
logo
Texas Instruments
74LV00A TI-74LV00A Datasheet
409Kb / 14P
[Old version datasheet]   QUADRUPLE 2 INPUT POSITIVE NAND GATES
logo
Diodes Incorporated
74LV00A DIODES-74LV00A Datasheet
303Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES
logo
Nexperia B.V. All right...
74LV00A NEXPERIA-74LV00A Datasheet
192Kb / 10P
   Quad 2-input NAND gate
Rev. 1 - 19 December 2018
More results

同様の説明 - 74LV688

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HC688 NEXPERIA-74HC688 Datasheet
231Kb / 13P
   8-bit magnitude comparator
Rev. 4 - 16 July 2021
logo
Hitachi Semiconductor
HD74HCT688 HITACHI-HD74HCT688 Datasheet
55Kb / 8P
   8-bit Magnitude Comparator
logo
Renesas Technology Corp
HD74HC688 RENESAS-HD74HC688 Datasheet
111Kb / 8P
   8-bit Magnitude Comparator
HD74HC682 RENESAS-HD74HC682 Datasheet
92Kb / 7P
   8-bit Magnitude Comparator
logo
Nexperia B.V. All right...
74HCT688 NEXPERIA-74HCT688 Datasheet
53Kb / 7P
   8-bit magnitude comparator
December 1990
logo
NXP Semiconductors
74HC688 PHILIPS-74HC688 Datasheet
48Kb / 7P
   8-bit magnitude comparator
December 1990
logo
Hitachi Semiconductor
HD74HC682 HITACHI-HD74HC682 Datasheet
45Kb / 7P
   8-bit Magnitude Comparator
HD74HC688 HITACHI-HD74HC688 Datasheet
60Kb / 9P
   8-bit Magnitude Comparator
logo
Renesas Technology Corp
HD74HCT688 RENESAS-HD74HCT688 Datasheet
111Kb / 8P
   8-bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT688_CNV PHILIPS-74HC_HCT688_CNV_15 Datasheet
54Kb / 7P
   8-bit magnitude comparator
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com