データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC1284 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 74LVC1284
部品情報  3.3V Parallel printer interface transceiver/buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1284 データシート(HTML) 3 Page - NXP Semiconductors

  74LVC1284 Datasheet HTML 1Page - NXP Semiconductors 74LVC1284 Datasheet HTML 2Page - NXP Semiconductors 74LVC1284 Datasheet HTML 3Page - NXP Semiconductors 74LVC1284 Datasheet HTML 4Page - NXP Semiconductors 74LVC1284 Datasheet HTML 5Page - NXP Semiconductors 74LVC1284 Datasheet HTML 6Page - NXP Semiconductors 74LVC1284 Datasheet HTML 7Page - NXP Semiconductors 74LVC1284 Datasheet HTML 8Page - NXP Semiconductors 74LVC1284 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74LVC1284
3.3V Parallel printer interface transceiver/buffer
1995 Nov 10
3
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1,2,3,4
A1 - A4
Data inputs/outputs
20,19,18,17
B1 - B4
IEEE 1284 Std.
outputs/inputs
7,8,9
A5 - A7
Data inputs
14,13,12
Y5 - Y7
IEEE 1284 Std. outputs
10
DIR
Direction selection
11
HD
B/Y–side high drive
enable/disable
5,6
GND
Ground (0V)
15,16
VCC
Positive supply voltage
FUNCTION TABLE
INPUTS
OUTPUTS
INPUTS/OUTPUTS
DIR
HD
A5-7
Y5-7
A1-4
B1-4
L
L
L
L
A = B
Inputs
L
L
H
Z
A = B
Inputs
L
H
L
L
A = B
Inputs
L
H
H
H
A = B
Inputs
H
L
L
L
Inputs Low
Outputs Low
H
L
H
Z
Inputs High
Outputs Z
H
H
L
L
Inputs
B = A
H
H
H
H
Inputs
B = A
H = High Voltage
L = Low Voltage
Z = High Impedance, Off-State
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
ESD Immunity, per Mil Std 883C method 3015
"2
kV
VCC
DC supply voltage
–0.5 to +4.6
V
IIK
DC input diode current
VI < 0
"20
mA
IOK
DC output diode current
VO < 0
"50
mA
VIN
DC input voltage3
–0.5 to +5.5
V
VOUT B/YDC
DC output voltage on B/Y side3
–0.5 to +5.5
V
VOUT B/Y (tr)
Transient output voltage on B/Y side4
40ns transient
–2 to +7
V
VOUT A side
DC output voltage on A side
–0.5 to VCC +0.5
V
IO
DC output current
Outputs in High or Low state
"50
mA
Tstg
Storage temperature range
–60 to +150
°C
ICC/IGND
Continuous current through VCC or GND
"200
mA
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
4. VOUT B/Y (tr) guarantees only that this part will not be damaged by reflections in application so long as the voltage levels remain in the
specified range.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
DC supply voltage
3.0
3.6
V
VI
Input voltage
0
VCC
V
VOUT
B/Y output voltage
–0.5
5.5
V
VOUT
A side output voltage
0
VCC
V
IOH
B/Y side output current High
–14
mA
IOL
B/Y side output current Low
14
mA
Tamb
Operating free-air temperature range
0
+70
°C


同様の部品番号 - 74LVC1284

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC125 PHILIPS-74LVC125 Datasheet
103Kb / 10P
   Quad buffer/line driver; 3-State
1997 Mar 18
74LVC125A PHILIPS-74LVC125A Datasheet
94Kb / 10P
   Quad buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Apr 28
logo
STMicroelectronics
74LVC125A STMICROELECTRONICS-74LVC125A Datasheet
76Kb / 9P
   LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) HIGH PERFORMANCE
February 2002
74LVC125A STMICROELECTRONICS-74LVC125A Datasheet
239Kb / 12P
   LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) HIGH PERFORMANCE
logo
Diodes Incorporated
74LVC125A DIODES-74LVC125A Datasheet
231Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
More results

同様の説明 - 74LVC1284

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HCT1284 PHILIPS-74HCT1284 Datasheet
138Kb / 12P
   Parallel printer interface transceiver/buffer
1998 Jul 10
PDI1284P11 PHILIPS-PDI1284P11 Datasheet
140Kb / 12P
   3.3V Parallel interface transceiver/buffer
1999 Sep 17
logo
List of Unclassifed Man...
EDE1400 ETC1-EDE1400 Datasheet
184Kb / 7P
   Parallel-Printer Interface IC
logo
Nexperia B.V. All right...
PDI1284P11 NEXPERIA-PDI1284P11 Datasheet
237Kb / 14P
   3.3 V parallel interface transceiver/buffer
Rev. 4 - 6 July 2021
logo
NXP Semiconductors
PDI1284P11 NXP-PDI1284P11 Datasheet
99Kb / 16P
   3.3 V parallel interface transceiver/buffer
Rev. 03-25 August 2008
logo
Mitsubishi Electric Sem...
M54610P MITSUBISHI-M54610P Datasheet
189Kb / 9P
   8-BIT PARALLEL DATA INTERFACE FOR PRINTER
logo
Gamewell-FCI by Honeywe...
RPI GAMEWELL-FCI-RPI Datasheet
61Kb / 1P
   Remote Printer Interface Module
logo
Purdy Electronics Corpo...
OPTO-3800S PURDY-OPTO-3800S Datasheet
720Kb / 1P
   Centronics Modems Printer Interface
logo
Micro Electronics
UM82C11 MICRO-ELECTRONICS-UM82C11 Datasheet
127Kb / 1P
   Printer Adapter Interface (PAI)
logo
UMC Corporation
UM82C11-C UMC-UM82C11-C Datasheet
517Kb / 9P
   Printer Adapter Interface (PAI)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com