データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9007-12-00 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 9007-12-00
部品情報  Spartan SIP Reed Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

9007-12-00 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  9007-12-00 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9007-12-00 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rhopoint Components Ltd Fax: +44 (0) 1883 712938 Phone: +44 (0) 1883 717988 web: www.rhopointcomponents.com e-mail: sales@rhopointcomponents.com
Model Number
9007
9081
Parameters
Test Conditions
Units
.2.4.2 SIP
COIL SPECS.
Nom. Coil Voltage
VDC
5
12
5
12
24
Max. Coil Voltage
VDC
6.5
15.0
6.5
15.0
32
Coil Resistance
+/- 10%, 25° C
500
1000
500
1000 2000
Operate Voltage
Must Operate by
VDC - Max.
3.75
9.1
3.75
9.1
18
Release Voltage
Must Release by
VDC - Min.
0.4
1.0
0.4
1.0
2
CONTACT RATINGS
Switching Voltage
Max DC/Peak AC Resist.
Volts
200
200
Switching Current
Max DC/Peak AC Resist.
Amps
0.5
0.5
Carry Current
Max DC/Peak AC Resist.
Amps
1.0
1.0
Contact Rating
Max DC/Peak AC Resist.
Watts
10
10
Life Expectancy-Typical
1
Signal Level 1.0V, 1.0mA
x 10
6 Ops.
100
100
Static Contact
Resistance (max. init.)
50mV, 10mA
0.200
0.200
Dynamic Contact
Resistance (max. init.)
0.5V, 50mA
at 100 Hz, 1.5 msec
N/A
N/A
RELAY SPECIFICATIONS
Insulation Resistance
(minimum)
Between all Isolated Pins
at 100V, 25°C, 40% RH
x 10
10
x 10
10
Capacitance - Typical
Across Open Contacts
No Shield
Shield Floating
Shield Guarding
pF
pF
pF
0.7
-
-
0.7
-
-
Open Contact to Coil
No Shield
Shield Floating
Shield Guarding
pF
pF
pF
1.4
-
-
1.4
-
-
Contact to Shield
Contacts Open, Shield
Floating
pF
-
-
Dielectric Strength
(minimum)
Between Contacts
Contacts to Shield
Contacts/Shield to Coil
VDC/peak AC
VDC/peak AC
VDC/peak AC
250
-
1500
250
-
1500
Operate Time - including
bounce - Typical
At Nominal Coil Voltage,
30 Hz Square Wave
msec.
0.50
0.50
Release Time - Typical
Zener-Diode Suppression
4
Diode Suppression
msec.
0.20
-
0.20
-
Notes:
1 Consult factory for life expectancy at other switching
loads.
2 Optional diode is connected to pin #2 (+) and pin #3(-).
Correct coil polarity must be observed.
3 These relays contain bias magnets. Correct coil
polarity must be observed. Pin #2(+)
4 Consists of 20V Zener-diode and 1N1002 diode
in series, connected in parallel with coil.
9000 Series/Spartan SIP Reed Relays
Environmental Ratings
Storage Temp:-35°C to +100°C; Operating Temp:-20°C to +85°C
Solder Temp: 270°C max; 10 sec. max
The operate and release voltage and the coil resistance are
specified at 25°C. These values vary by approximately
0.4%/°C as the ambient temperature varies.
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
NEW!
Top View:
Dot stamped
on relay refers
to pin #1
Grid = .1"x.1"
(2.54mm x
2.54mm)
22
+
+


同様の部品番号 - 9007-12-00

メーカー部品番号データシート部品情報
logo
Coto Technology
9007-12-00 COTO-9007-12-00 Datasheet
315Kb / 2P
   Spartan SIP Reed Relays
More results

同様の説明 - 9007-12-00

メーカー部品番号データシート部品情報
logo
Coto Technology
9007-05-00 COTO-9007-05-00 Datasheet
315Kb / 2P
   Spartan SIP Reed Relays
9007 COTO-9007 Datasheet
557Kb / 2P
   9007 SERIES/SPARTAN SIP REED RELAYS
logo
RHOPOINT COMPONENTS
8L01 RHOPOINT-8L01 Datasheet
57Kb / 2P
   Spartan DIP Reed Relays
logo
Coto Technology
8L01-05-001 COTO-8L01-05-001 Datasheet
330Kb / 2P
   Spartan DIP Reed Relays
logo
List of Unclassifed Man...
8L00 ETC-8L00 Datasheet
104Kb / 2P
   Spartan DIP Reed Relays
logo
Coto Technology
8L01 COTO-8L01 Datasheet
1Mb / 2P
   8L SERIES/SPARTAN DIP REED RELAYS
logo
RHOPOINT COMPONENTS
9001 RHOPOINT-9001 Datasheet
88Kb / 2P
   Molded SIP Reed Relays
logo
List of Unclassifed Man...
SIL4 ETC1-SIL4 Datasheet
609Kb / 7P
   SIP SERIES REED RELAYS
logo
Coto Technology
9001-05-00 COTO-9001-05-00 Datasheet
273Kb / 2P
   Molded SIP Reed Relays
logo
DB Lectro Inc
101R-1A12D2 DBLECTRO-101R-1A12D2 Datasheet
967Kb / 2P
   SIP, DIP REED RELAYS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com