データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC145170D1 データシート(PDF) 10 Page - Motorola, Inc

部品番号 MC145170D1
部品情報  PLL Frequency Synthesizer with Serial Interface CMOS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145170D1 データシート(HTML) 10 Page - Motorola, Inc

Back Button MC145170D1 Datasheet HTML 6Page - Motorola, Inc MC145170D1 Datasheet HTML 7Page - Motorola, Inc MC145170D1 Datasheet HTML 8Page - Motorola, Inc MC145170D1 Datasheet HTML 9Page - Motorola, Inc MC145170D1 Datasheet HTML 10Page - Motorola, Inc MC145170D1 Datasheet HTML 11Page - Motorola, Inc MC145170D1 Datasheet HTML 12Page - Motorola, Inc MC145170D1 Datasheet HTML 13Page - Motorola, Inc MC145170D1 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
MC145170–1
MOTOROLA
10
This output can be enabled, disabled, and inverted via the
C register. If desired, PDout can be forced to the high–impe–
dance state by utilization of the disable feature in the C regis-
ter (patented).
φR and φV
Double–Ended Phase/Frequency Detector Outputs
(Pins 14, 15)
These outputs can be combined externally to generate a
loop error signal. Through use of a Motorola patented tech-
nique, the detector’s dead zone has been eliminated. There-
fore, the phase/frequency detector is characterized by a
linear transfer function. The operation of the phase/fre-
quency detector is described below and is shown in Fig-
ure 17.
POL bit (C7) in the C register = low (see Figure 14)
Frequency of fV > fR or Phase of fV Leading fR: φV = nega-
tive pulses,
φR = essentially high
Frequency of fV < fR or Phase of fV Lagging fR: φV = essen-
tially high,
φR = negative pulses
Frequency and Phase of fV = fR: φV and φR remain essen-
tially high, except for a small minimum time period when both
pulse low in phase
POL bit (C7) = high
Frequency of fV > fR or Phase of fV Leading fR: φR = nega-
tive pulses,
φV = essentially high
Frequency of fV < fR or Phase of fV Lagging fR: φR = essen-
tially high,
φV = negative pulses
Frequency and Phase of fV = fR: φV and φR remain essen-
tially high, except for a small minimum time period when both
pulse low in phase
These outputs can be enabled, disabled, and inter-
changed via the C register (patented).
LD
Lock Detector Output (Pin 11)
This output is essentially at a high level with narrow low–
going pulses when the loop is locked (fR and fV of the same
phase and frequency). The output pulses low when fV and fR
are out of phase or different frequencies (see Figure 17).
This output can be enabled and disabled via the C register
(patented). Upon power up, on–chip initialization circuitry
disables LD to a static low logic level to prevent a false “lock”
signal. If unused, LD should be disabled and left open.
POWER SUPPLY
VDD
Most Positive Supply Potential (Pin 16)
This pin may range from + 2.5 to 5.5 V with respect to VSS.
For optimum performance, VDD should be bypassed to
VSS using low–inductance capacitor(s) mounted very close
to the device. Lead lengths on the capacitor(s) should be
minimized. (The very fast switching speed of the device
causes current spikes on the power leads.)
VSS
Most Negative Supply Potential (Pin 12)
This pin is usually ground. For measurement purposes,
the VSS pin is tied to a ground plane.
ENB
CLK
Din
POWER
UP
1
2
3
4
5
1
2
3
4
NOTE: This initialization sequence must be used immediately after power up if control of the CLK pin is not possible. That
is, if CLK (pin 7) toggles or floats upon power up, use the above sequence to reset the device.
Also, use this sequence if power is momentarily interrupted such that the supply voltage to the device is reduced
to below 2.5 V, but not down to 0 V (for example, the supply drops down to 1 V). This is necessary because the
on–chip power–on reset is only activated when the supply ramps up from 0 V.
ZEROES
DON’T
CARES
DON’T CARES
ONE
ZEROES
ZERO
Figure 13. Reset Sequence


同様の部品番号 - MC145170D1

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC145170D1 MOTOROLA-MC145170D1 Datasheet
202Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
More results

同様の説明 - MC145170D1

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
logo
Freescale Semiconductor...
MC145170-2 FREESCALE-MC145170-2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
Motorola, Inc
MC145170-2 MOTOROLA-MC145170-2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
LANSDALE Semiconductor ...
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
ML145106 LANSDALE-ML145106 Datasheet
389Kb / 8P
   PLL Frequency Synthesizer CMOS
logo
Fujitsu Component Limit...
MB87001A FUJITSU-MB87001A Datasheet
339Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145106 MOTOROLA-MC145106 Datasheet
119Kb / 8P
   PLL FREQUENCY SYNTHESIZER CMOS
logo
Fujitsu Component Limit...
MB87014A FUJITSU-MB87014A Datasheet
658Kb / 12P
   CMOS PLL Frequency Synthesizer
MB87073 FUJITSU-MB87073 Datasheet
409Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com