データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SFR25H データシート(PDF) 9 Page - List of Unclassifed Manufacturers

部品番号 SFR25H
部品情報  Standard metal film resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

SFR25H データシート(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SFR25H Datasheet HTML 4Page - List of Unclassifed Manufacturers SFR25H Datasheet HTML 5Page - List of Unclassifed Manufacturers SFR25H Datasheet HTML 6Page - List of Unclassifed Manufacturers SFR25H Datasheet HTML 7Page - List of Unclassifed Manufacturers SFR25H Datasheet HTML 8Page - List of Unclassifed Manufacturers SFR25H Datasheet HTML 9Page - List of Unclassifed Manufacturers SFR25H Datasheet HTML 10Page - List of Unclassifed Manufacturers SFR25H Datasheet HTML 11Page - List of Unclassifed Manufacturers SFR25H Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2002 Dec 02
9
BCcomponents
Product specification
Standard metal film resistors
SFR16S/25/25H
MECHANICAL DATA
Mass per 100 units
Marking
The nominal resistance and tolerance are marked on the
resistor using four or five coloured bands in accordance with
IEC publication 60062 “Colour codes for fixed resistors”.
Outlines
The length of the body (L1) is measured by inserting the leads
into holes of two identical gauge plates and moving these
plates parallel to each other until the resistor body is
clamped without deformation (“IEC publication 60294”).
TYPE
MASS
(g)
SFR16S
11.5
SFR25
21.0
SFR25H
22.0
For dimensions see Table 4.
Fig.10 Outline.
∅D
CCB414
L1
L2
∅d
Table 4
Resistor type and relevant physical dimensions; see Fig.10
TYPE
ÆD
MAX.
(mm)
L1
MAX.
(mm)
L2
MAX.
(mm)
Æd
(mm)
SFR16S
1.9
-
3.4
0.45
±0.05
SFR25
2.5
6.5
7.0
0.58
±0.05
SFR25H
2.5
6.5
7.0
0.58
±0.05


同様の部品番号 - SFR25H

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SFR25H ETC1-SFR25H Datasheet
349Kb / 15P
   Standard metal film resistors
logo
Vishay Siliconix
SFR25H VISHAY-SFR25H Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
More results

同様の説明 - SFR25H

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SFR16S ETC1-SFR16S Datasheet
349Kb / 15P
   Standard metal film resistors
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
   METAL FILM RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com