データシートサーチシステム |
|
MC74ACT14DT データシート(PDF) 1 Page - ON Semiconductor |
|
MC74ACT14DT データシート(HTML) 1 Page - ON Semiconductor |
1 / 8 page © Semiconductor Components Industries, LLC, 2001 May, 2001 – Rev. 5 1 Publication Order Number: MC74AC14/D MC74AC14, MC74ACT14 Hex Inverter Schmitt Trigger The MC74AC14/74ACT14 contains six logic inverters which accept standard CMOS Input signals (TTL levels for MC74ACT14) and provide standard CMOS output levels. They are capable of transforming slowly changing input signals into sharply defined, jitter–free output signals. In addition, they have a greater noise margin then conventional inverters. The MC74AC14/74ACT14 has hysteresis between the positive–going and negative–going input thresholds (typically 1.0 V) which is determined internally by transistor ratios and is essentially insensitive to temperature and supply voltage variations. • Schmitt Trigger Inputs • Outputs Source/Sink 24 mA • ′ACT14 Has TTL Compatible Inputs 13 14 12 11 10 9 8 2 1 34567 GND VCC Figure 1. Pinout; 14–Lead Packages Conductors (Top View) FUNCTION TABLE Input Output A O L H H L TSSOP–14 DT SUFFIX CASE 948G 1 14 EIAJ–14 M SUFFIX CASE 965 1 14 SO–14 D SUFFIX CASE 751A http://onsemi.com 1 14 1 14 PDIP–14 N SUFFIX CASE 646 Device Package Shipping ORDERING INFORMATION MC74AC14DT TSSOP–14 96 Units/Rail MC74AC14DTR2 TSSOP–14 2500 Tape & Reel MC74ACT14DT TSSOP–14 96 Units/Rail MC74ACT14DTR2 TSSOP–14 2500 Tape & Reel MC74AC14N PDIP–14 25 Units/Rail MC74AC14D SOIC–14 55 Units/Rail MC74ACT14N PDIP–14 25 Units/Rail MC74AC14DR2 SOIC–14 2500 Tape & Reel MC74ACT14D SOIC–14 55 Units/Rail MC74ACT14DR2 SOIC–14 2500 Tape & Reel MC74AC14M EIAJ–14 50 Units/Rail MC74AC14MEL EIAJ–14 2000 Tape & Reel MC74ACT14M EIAJ–14 50 Units/Rail MC74ACT14MEL EIAJ–14 2000 Tape & Reel See general marking information in the device marking section on page 5 of this data sheet. DEVICE MARKING INFORMATION |
同様の部品番号 - MC74ACT14DT |
|
同様の説明 - MC74ACT14DT |