データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14534BCP データシート(PDF) 2 Page - Motorola, Inc

部品番号 MC14534BCP
部品情報  5 CASCADED BCD COUNTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14534BCP データシート(HTML) 2 Page - Motorola, Inc

  MC14534BCP Datasheet HTML 1Page - Motorola, Inc MC14534BCP Datasheet HTML 2Page - Motorola, Inc MC14534BCP Datasheet HTML 3Page - Motorola, Inc MC14534BCP Datasheet HTML 4Page - Motorola, Inc MC14534BCP Datasheet HTML 5Page - Motorola, Inc MC14534BCP Datasheet HTML 6Page - Motorola, Inc MC14534BCP Datasheet HTML 7Page - Motorola, Inc MC14534BCP Datasheet HTML 8Page - Motorola, Inc MC14534BCP Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MOTOROLA CMOS LOGIC DATA
MC14534B
2
MAXIMUM RATINGS (Voltages referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 18.0
V
Vin, Vout Input or Output Voltage (DC or Transient)
– 0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current (DC or Transient),
per Pin
± 10
mA
PD
Power Dissipation, per Package†
500
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature (8–Second Soldering)
260
_C
* Maximum Ratings are those values beyond which damage to the device may occur.
†Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
Ceramic “L” Packages: – 12 mW/
_C From 100_C To 125_C
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
– 55
_C
25
_C
125
_C
Unit
Characteristic
Symbol
VDD
Vdc
Min
Max
Min
Typ #
Max
Min
Max
Unit
Output Voltage
“0” Level
Vin = VDD or 0
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
“1” Level
Vin = 0 or VDD
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
VIL
5.0
10
15
1.0
2.0
3.0
1.5
3.0
4.5
1.0
2.0
3.0
1.0
2.0
3.0
Vdc
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIH
5.0
10
15
4.0
8.0
12
4.0
8.0
12
3.5
7.0
11
4.0
8.0
12
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
IOH
5.0
5.0
10
15
– 3.0
– 0.64
– 1.6
– 4.2
– 2.4
– 0.51
– 1.3
– 3.4
– 4.2
– 0.88
– 2.25
– 8.8
– 1.7
– 0.36
– 0.9
– 2.4
mAdc
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Output Drive Current — Pins 1 and 22
(VOH = 2.5 Vdc)
(VOH = 9.5 Vdc)
Source
(VOH = 13.5 Vdc)
IOH
5.0
10
15
– 0.31
– 0.31
– 0.9
– 0.25
– 0.25
– 0.75
– 0.8
– 0.4
– 1.6
– 0.17
– 0.17
– 0.51
mAdc
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOL
5.0
10
15
0.024
0.06
1.3
0.02
0.05
0.25
0.03
0.09
1.63
0.014
0.035
0.175
mAdc
Input Current
Iin
15
± 0.1
± 0.00001
± 0.1
± 1.0
µAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
(continued)
This device contains protection circuitry to
guard against damage due to high static
voltages or electric fields. However, pre-
cautions must be taken to avoid applications of
any voltage higher than maximum rated volt-
ages to this high–impedance circuit. For proper
operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an
appropriate logic voltage level (e.g., either VSS
or VDD). Unused outputs must be left open.


同様の部品番号 - MC14534BCP

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC14530B MOTOROLA-MC14530B Datasheet
220Kb / 7P
   DUAL 5-INPUT MAJORITY LOGIC GATE
MC14530BCL MOTOROLA-MC14530BCL Datasheet
220Kb / 7P
   DUAL 5-INPUT MAJORITY LOGIC GATE
MC14530BCP MOTOROLA-MC14530BCP Datasheet
220Kb / 7P
   DUAL 5-INPUT MAJORITY LOGIC GATE
MC14530BD MOTOROLA-MC14530BD Datasheet
220Kb / 7P
   DUAL 5-INPUT MAJORITY LOGIC GATE
MC145310 MOTOROLA-MC145310 Datasheet
39Kb / 1P
   Tone/Pulse dialler with flash
More results

同様の説明 - MC14534BCP

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD54HC160 TI-CD54HC160 Datasheet
248Kb / 14P
[Old version datasheet]   BCD SYNCHRONOUS DECADE COUNTERS
logo
Renesas Technology Corp
HD74HC4518 RENESAS-HD74HC4518 Datasheet
115Kb / 9P
   Dual BCD Up Counters
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Texas Instruments
CD54HC160F TI-CD54HC160F Datasheet
240Kb / 14P
[Old version datasheet]   BCD SYNCHRONOUS DECADE COUNTERS
logo
ON Semiconductor
SN54-74LS160A ONSEMI-SN54-74LS160A Datasheet
79Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Motorola, Inc
SN54LS160A MOTOROLA-SN54LS160A Datasheet
157Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
ON Semiconductor
SN74LS161A ONSEMI-SN74LS161A Datasheet
205Kb / 8P
   BCD Decade Counters 4?묪it Binary Counters
July, 2006 ??Rev. 2
logo
National Semiconductor ...
54LS160A NSC-54LS160A Datasheet
173Kb / 8P
   Synchronous Presettable BCD Decade Counters
logo
Aeroflex Circuit Techno...
UT54ACS190 AEROFLEX-UT54ACS190 Datasheet
266Kb / 10P
   Synchronous 4-Bit Up-Down BCD Counters
logo
Motorola, Inc
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com