データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC145446AFW データシート(PDF) 5 Page - Motorola, Inc

部品番号 MC145446AFW
部品情報  SINGLE-CHIP 300-BAUD MODEM WITH DTMF TRANSCEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145446AFW データシート(HTML) 5 Page - Motorola, Inc

  MC145446AFW Datasheet HTML 1Page - Motorola, Inc MC145446AFW Datasheet HTML 2Page - Motorola, Inc MC145446AFW Datasheet HTML 3Page - Motorola, Inc MC145446AFW Datasheet HTML 4Page - Motorola, Inc MC145446AFW Datasheet HTML 5Page - Motorola, Inc MC145446AFW Datasheet HTML 6Page - Motorola, Inc MC145446AFW Datasheet HTML 7Page - Motorola, Inc MC145446AFW Datasheet HTML 8Page - Motorola, Inc MC145446AFW Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MC145446A
MOTOROLA
5
DTMF RECEIVER CHARACTERISTICS (VCC = 5.0 V ± 10%, TA = – 20 to 70°C)
Characteristic
Symbol
Conditions
Min
Typ
Max
Unit
Input Impedance
50
k
Detect Signal Level (Each Tone)
– 48
0
dBm
Twist (High Group Tone/Low Group Tone
– 10
10
dB
Frequency Detect Band Width (Figure 4)
±1.5% ±2Hz
Frequency No–Detect Band Width (Figure 4)
± 3.5
%
DTMF Detect Timing
OFF to ON
TCDON
CD1 = 0, CD0 = 1
25
ms
CD1 = 1, CD0 = 0
30
CD1 = 1, CD0 = 1
40
ON to OFF
TCDOFF
CD1 = 0, CD0 = 1
25
CD1 = 1, CD0 = 0
35
CD1 = 1, CD0 = 1
25
DEMODULATOR CHARACTERISTICS (VCC = 5.0 V ± 10%, TA = – 20 to 70°C)
Characteristic
Symbol
Conditions
Min
Typ
Max
Unit
Bit Bias
ID
Input Level = – 24 dBm
S/N = 4 dB
5
%
Bit Error Rate
(CCITT Line Simulation, 511–Bit Pattern)
BER
S/N = 4 dB
0.00001
SWITCHING CHARACTERISTICS (VCC = 5.0 V ± 10%, TA = – 20 to 70°C)
Characteristic
Symbol
Timing
Diagram
Reference
No.
Min
Typ
Max
Unit
Input Pulse Width (H) E, SCK
twh
1
50
ns
Input Pulse Width (L) E, SCK
twl
2
50
ns
Clock Cycle
tc
3
100
ns
Input Rise Time
tr
4
2
µs
Input Fall Time
tf
5
2
µs
Recovery Time E to SCK
trec
6, 18
50
ns
Setup Time
DATA to SCK
tsu
7
50
ns
R/W
↓ to DATA
9
100
ns
R/W
↑ to DATA
12
50
ns
Hold Time
SCK to DATA
th
8
50
ns
E to R/W
10
50
ns
DATA to R/W
14
50
ns
R/W to DATA
15
50
ns
Read Data Delay Time
E to DATA
td
13
50
ns
SCK to DATA
17
50
ns
Enable Minimum Interval
twe
11
450
ns
Mode Switch Minimum Interval
twm
16
600
ns


同様の部品番号 - MC145446AFW

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC145442 MOTOROLA-MC145442 Datasheet
227Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
MC145442B MOTOROLA-MC145442B Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
MC145442BDW MOTOROLA-MC145442BDW Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
logo
LANSDALE Semiconductor ...
MC145442BDW LANSDALE-MC145442BDW Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
MC145442BDW LANSDALE-MC145442BDW Datasheet
395Kb / 11P
   Single?밅hip 300?밄aud Modem
More results

同様の説明 - MC145446AFW

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
   Single-Chip 300-Baud Modem
logo
LANSDALE Semiconductor ...
ML145442 LANSDALE-ML145442 Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
logo
Motorola, Inc
MC145442B MOTOROLA-MC145442B Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
MC145442 MOTOROLA-MC145442 Datasheet
227Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
logo
National Semiconductor ...
MM74HC943 NSC-MM74HC943 Datasheet
153Kb / 8P
   300 Baud Modem
74VHC943 NSC-74VHC943 Datasheet
179Kb / 12P
   300 Baud Modem (5V Supply)
logo
Radiometrix Ltd
CLX2 RADIOMETRIX-CLX2 Datasheet
174Kb / 6P
   19200 baud modem transceiver
logo
CML Microcircuits
FX409 CMLMICRO-FX409 Datasheet
289Kb / 6P
   1200 BAUD FFSK MODEM
logo
OKI electronic componet...
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
logo
STMicroelectronics
TS7514 STMICROELECTRONICS-TS7514 Datasheet
170Kb / 19P
   PROGRAMMABLE V.23 MODEM WITH DTMF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com