データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC145407DW データシート(PDF) 3 Page - Motorola, Inc

部品番号 MC145407DW
部品情報  5 VOLT ONLY DRIVER / RECEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145407DW データシート(HTML) 3 Page - Motorola, Inc

  MC145407DW Datasheet HTML 1Page - Motorola, Inc MC145407DW Datasheet HTML 2Page - Motorola, Inc MC145407DW Datasheet HTML 3Page - Motorola, Inc MC145407DW Datasheet HTML 4Page - Motorola, Inc MC145407DW Datasheet HTML 5Page - Motorola, Inc MC145407DW Datasheet HTML 6Page - Motorola, Inc MC145407DW Datasheet HTML 7Page - Motorola, Inc MC145407DW Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC145407
MOTOROLA
3
MAXIMUM RATINGS (Voltage polarities referenced to GND)
Rating
Symbol
Value
Unit
DC Supply Voltages
VCC
– 0.5 to + 6.0
V
Input Voltage Range
Rx1 – Rx3 Inputs
DI1 – DI3 Inputs
VIR
VSS – 15 to VDD + 15
– 0.5 to (VCC + 0.5)
V
DC Current per Pin
I
± 100
mA
Power Dissipation
PD
1
W
Operating Temperature Range
TA
– 40 to + 85
°C
Storage Temperature Range
Tstg
– 85 to + 150
°C
DC ELECTRICAL CHARACTERISTICS (All polarities referenced to GND = 0 V; C1, C2, C3, C4 = 10
µF; TA = – 40 to + 85°C)
Parameter
Symbol
Min
Typ
Max
Unit
DC Supply Voltage
VCC
4.5
5
5.5
V
Quiescent Supply Current
(Outputs unloaded, inputs low)
ICC
1.2
3.0
mA
Output Voltage
Iload = 0 mA
Iload = 5 mA
Iload = 10 mA
VDD
8.5
7.5
6
10
9.5
9
11
V
Iload = 0 mA
Iload = 5 mA
Iload = 10 mA
VSS
– 8.5
– 7.5
– 6
– 10
– 9.2
– 8.6
–11
RECEIVER ELECTRICAL SPECIFICATIONS
(Voltage polarities referenced to GND = 0 V; VCC = + 5 V ± 10%; C1, C2, C3, C4 = 10 µF; TA = – 40 to + 85°C)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Turn–on Threshold
Rx1 – Rx3
VDO1 – DO3 = VOL
Von
1.35
1.8
2.35
V
Input Turn–off Threshold
Rx1 – Rx3
VDO1 – DO3 = VOH
Voff
0.75
1.0
1.25
V
Input Threshold Hysteresis (Von – Voff)
Rx1 – Rx3
Vhys
0.6
0.8
V
Input Resistance
Rx1 – Rx3
Rin
3.0
5.4
7.0
k
High–Level Output Voltage
DO1 – DO3
VRx1 – Rx3 = – 3 V to – 25 V
IOH = – 20 µA
IOH = – 1 mA
VOH
VCC – 0.1
VCC – 0.7
4.3
V
Low–Level Output Voltage
DO1 – DO3
VRx1 – Rx3 = + 3 V to + 25 V
IOL = + 20 µA
IOL = + 1.6 mA
VOL
0.01
0.5
0.1
0.7
V
This device contains protection circuitry to
protect the inputs against damage due to high
static voltages or electric fields; however, it is
advised that normal precautions be taken to
avoid application of any voltage higher than
maximum rated voltages to this high imped-
ance circuit. For proper operation, it is recom-
mended that the voltages at the DI and DO pins
be constrained to the range GND
≤ VDI ≤ VCC
and GND
≤ VDO ≤ VCC. Also, the voltage at
the Rx pin should be constrained to (VSS
– 15 V)
≤ VRx1 – Rx3 ≤ (VDD + 15 V), and Tx
should be constrained to VSS ≤ VTx1 – Tx3
≤ VDD.
Unused inputs must always be tied to
appropriate logic voltage level (e.g., GND or
VCC for DI, and GND for Rx).


同様の部品番号 - MC145407DW

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
MC145407DW LANSDALE-MC145407DW Datasheet
679Kb / 8P
   5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
MC145407DW LANSDALE-MC145407DW Datasheet
173Kb / 8P
   5 Volt Only Driver
More results

同様の説明 - MC145407DW

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML145583 LANSDALE-ML145583_08 Datasheet
142Kb / 7P
   3.3 Volt Only Driver/Receiver
ML145407 LANSDALE-ML145407_08 Datasheet
173Kb / 8P
   5 Volt Only Driver
logo
Motorola, Inc
MC145705 MOTOROLA-MC145705 Datasheet
232Kb / 12P
   5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE
logo
LANSDALE Semiconductor ...
ML145407 LANSDALE-ML145407 Datasheet
679Kb / 8P
   5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
logo
Motorola, Inc
MC145583 MOTOROLA-MC145583 Datasheet
191Kb / 8P
   3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
MC14529B MOTOROLA-MC14529B Datasheet
253Kb / 8P
   3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
logo
ATMEL Corporation
AT45D021A ATMEL-AT45D021A Datasheet
395Kb / 28P
   2-megabit 5-volt Only Serial DataFlash
AT45D021 ATMEL-AT45D021 Datasheet
200Kb / 18P
   2-Megabit 5-volt Only Serial DataFlash
AT45D161 ATMEL-AT45D161 Datasheet
215Kb / 20P
   16-Megabit 5-volt Only Serial DataFlash
AT45D081A ATMEL-AT45D081A Datasheet
407Kb / 28P
   8-megabit 5-volt Only Serial DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com