データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74AC4040 データシート(PDF) 2 Page - Motorola, Inc

部品番号 MC74AC4040
部品情報  12-STAGE BINARY RIPPLE COUNTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74AC4040 データシート(HTML) 2 Page - Motorola, Inc

  MC74AC4040 Datasheet HTML 1Page - Motorola, Inc MC74AC4040 Datasheet HTML 2Page - Motorola, Inc MC74AC4040 Datasheet HTML 3Page - Motorola, Inc MC74AC4040 Datasheet HTML 4Page - Motorola, Inc MC74AC4040 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC74AC4040
5-2
FACT DATA
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
–0.5 to +7.0
V
Vin
DC Input Voltage (Referenced to GND)
–0.5 to VCC +0.5
V
Vout
DC Output Voltage (Referenced to GND)
–0.5 to VCC +0.5
V
Iin
DC Input Current, per Pin
±20
mA
Iout
DC Output Current, per Pin
±50
mA
ICC
DC VCC or GND Current per Output Pin
±50
mA
PD
Power Dissipation in Still Air
Plastic**
SOIC Package**
750
500
mW
Tstg
Storage Temperature
–65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 seconds
(Plastic DIP or SOIC Package)
260
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
** Derating: Plastic DIP: – 10mW/
°C from 65°C to 125°C
SOIC Package: –7.0 mW/
°C from 65°C to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
2.0
6.0
V
Vin/Vout
Input Voltage, Output Voltage (Ref. to GND)
0
VCC
TA
Operating Temperature, All Package Types
–40
+85
°C
tr/tf
Input Rise/Fall Time
VCC = 3.0 V
VCC = 4.5 V
VCC = 5.5 V
0
150
ns/V
tr/tf
Input Rise/Fall Time
(Figure 1)
VCC = 3.0 V
VCC = 4.5 V
VCC = 5.5 V
0
0
0
150
40
25
ns/V
VCC = 5.5 V
0
25


同様の部品番号 - MC74AC4040

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74AC4040 ONSEMI-MC74AC4040 Datasheet
84Kb / 6P
   12?뭆tage Binary Ripple Counter
November, 2006 ??Rev. 7
MC74AC4040 ONSEMI-MC74AC4040 Datasheet
73Kb / 6P
   12-Stage Binary Ripple Counter
March, 2015 ??Rev. 8
MC74AC4040D ONSEMI-MC74AC4040D Datasheet
84Kb / 6P
   12?뭆tage Binary Ripple Counter
November, 2006 ??Rev. 7
MC74AC4040DG ONSEMI-MC74AC4040DG Datasheet
84Kb / 6P
   12?뭆tage Binary Ripple Counter
November, 2006 ??Rev. 7
MC74AC4040DG ONSEMI-MC74AC4040DG Datasheet
73Kb / 6P
   12-Stage Binary Ripple Counter
March, 2015 ??Rev. 8
More results

同様の説明 - MC74AC4040

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74HC4040A ONSEMI-MC74HC4040A Datasheet
170Kb / 8P
   12-Stage Binary Ripple Counter
May, 2000 ??Rev. 3
logo
Integral Corp.
IW4040B INTEGRAL-IW4040B Datasheet
59Kb / 7P
   12-Stage Binary Ripple Counter
logo
Nexperia B.V. All right...
HEF4040B-Q100 NEXPERIA-HEF4040B-Q100 Datasheet
680Kb / 13P
   12-stage binary ripple counter
74HC4040-Q100 NEXPERIA-74HC4040-Q100 Datasheet
762Kb / 19P
   12-stage binary ripple counter
logo
NXP Semiconductors
74HC4040 PHILIPS-74HC4040 Datasheet
137Kb / 24P
   12-stage binary ripple counter
Rev. 03-14 September 2005
logo
Nexperia B.V. All right...
74HCT4040 NEXPERIA-74HCT4040 Datasheet
275Kb / 16P
   12-stage binary ripple counter
Rev. 7 - 26 May 2021
logo
NXP Semiconductors
74LV4040 PHILIPS-74LV4040 Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
logo
ON Semiconductor
MC74AC4040 ONSEMI-MC74AC4040_15 Datasheet
73Kb / 6P
   12-Stage Binary Ripple Counter
March, 2015 ??Rev. 8
MC74HC4040A ONSEMI-MC74HC4040A_14 Datasheet
123Kb / 8P
   12-Stage Binary Ripple Counter
August, 2014 ??Rev. 9
logo
Nexperia B.V. All right...
HEF4040B NEXPERIA-HEF4040B Datasheet
211Kb / 11P
   12-stage binary ripple counter
Rev. 10 - 7 December 2021
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com