データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2574N-12 データシート(PDF) 8 Page - ON Semiconductor

部品番号 LM2574N-12
部品情報  0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2574N-12 データシート(HTML) 8 Page - ON Semiconductor

Back Button LM2574N-12 Datasheet HTML 4Page - ON Semiconductor LM2574N-12 Datasheet HTML 5Page - ON Semiconductor LM2574N-12 Datasheet HTML 6Page - ON Semiconductor LM2574N-12 Datasheet HTML 7Page - ON Semiconductor LM2574N-12 Datasheet HTML 8Page - ON Semiconductor LM2574N-12 Datasheet HTML 9Page - ON Semiconductor LM2574N-12 Datasheet HTML 10Page - ON Semiconductor LM2574N-12 Datasheet HTML 11Page - ON Semiconductor LM2574N-12 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LM2574
http://onsemi.com
8
Figure 16. Test Circuit and Layout Guidelines
D1
1N5819
L1
330 µH
Output
7
1
Feedback
Cout
220 µF
Cin
22 µF
LM2574
Fixed Output
1
3
4ON/OFF
Pwr
Gnd
Vin
Load
Vout
D1
1N5819
L1
330 µH
Output
7
1
Feedback
Cout
220 µF
Cin
22 µF
LM2574
Adjustable
1
Vin
Load
Vout
5.0 V
Fixed Output Voltage Versions
Adjustable Output Voltage Versions
Vout + Vref 1.0 )
R2
R1
R2 + R1
Vout
Vref
1.0
Where Vref = 1.23 V, R1
between 1.0 kΩ and 5.0 kΩ
R2
6.12 k
R1
2.0 k
7.0 - 40 V
Unregulated
DC Input
2 Sig
Gnd
3
4ON/OFF
Pwr
Gnd
2 Sig
Gnd
7.0 V - 40 V
Unregulated
DC Input
Cin
–22
µF, 60 V, Aluminium Electrolytic
Cout
220
µF, 25 V, Aluminium Electrolytic
D1
Schottky, 1N5819
L1
330
µH, (For 5.0 Vin, 3.3 Vout, use 100 µH)
R1
2.0 k, 0.1%
R2
6.12 k, 0.1%
NOTE: Pin numbers in ( ) are for the SO–16W package.
(12)
(3)
(6)
(4)
(5)
(14)
(12)
(3)
(14)
(6)
(4)
(5)
PCB LAYOUT GUIDELINES
As in any switching regulator, the layout of the printed
circuit board is very important. Rapidly switching currents
associated with wiring inductance, stray capacitance and
parasitic inductance of the printed circuit board traces can
generate
voltage
transients
which
can
generate
electromagnetic interferences (EMI) and affect the desired
operation. As indicated in the Figure 16, to minimize
inductance and ground loops, the length of the leads
indicated by heavy lines should be kept as short as possible.
For best results, single–point grounding (as indicated) or
ground plane construction should be used.
On the other hand, the PCB area connected to the Pin 7
(emitter of the internal switch) of the LM2574 should be
kept to a minimum in order to minimize coupling to sensitive
circuitry.
Another sensitive part of the circuit is the feedback. It is
important to keep the sensitive feedback wiring short. To
assure this, physically locate the programming resistors near
to the regulator, when using the adjustable version of the
LM2574 regulator.


同様の部品番号 - LM2574N-12

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2574N-12 NSC-LM2574N-12 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2574N-12 ONSEMI-LM2574N-12 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
logo
Texas Instruments
LM2574N-12 TI1-LM2574N-12 Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2574N-12 ONSEMI-LM2574N-12 Datasheet
234Kb / 26P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
January, 2015 ??Rev. 9
logo
Texas Instruments
LM2574N-12/NOPB TI1-LM2574N-12/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
More results

同様の説明 - LM2574N-12

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM2574 ONSEMI-LM2574_15 Datasheet
234Kb / 26P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
January, 2015 ??Rev. 9
LM2574 ONSEMI-LM2574_06 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-005G ONSEMI-LM2575T-005G Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2594 ONSEMI-LM2594 Datasheet
560Kb / 25P
   0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
logo
KODENSHI_AUK CORP.
SN317MPI KODENSHI-SN317MPI Datasheet
376Kb / 8P
   [ 0.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com