データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74VHCT257ADT データシート(PDF) 5 Page - ON Semiconductor

部品番号 MC74VHCT257ADT
部品情報  Quad 2-Channel Multiplexer with 3-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT257ADT データシート(HTML) 5 Page - ON Semiconductor

  MC74VHCT257ADT Datasheet HTML 1Page - ON Semiconductor MC74VHCT257ADT Datasheet HTML 2Page - ON Semiconductor MC74VHCT257ADT Datasheet HTML 3Page - ON Semiconductor MC74VHCT257ADT Datasheet HTML 4Page - ON Semiconductor MC74VHCT257ADT Datasheet HTML 5Page - ON Semiconductor MC74VHCT257ADT Datasheet HTML 6Page - ON Semiconductor MC74VHCT257ADT Datasheet HTML 7Page - ON Semiconductor MC74VHCT257ADT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74VHCT257A
http://onsemi.com
5
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 5.0V)
TA = 25°C
Symbol
Characteristic
Typ
Max
Unit
VOLP
Quiet Output Maximum Dynamic VOL
0.3
0.8
V
VOLV
Quiet Output Minimum Dynamic VOL
– 0.3
– 0.8
V
VIHD
Minimum High Level Dynamic Input Voltage
2.0
V
VILD
Maximum Low Level Dynamic Input Voltage
0.8
V
A, B or S
Figure 5. Switching Waveform
Figure 6. Switching Waveform
Figure 7. Test Circuit
VCC
GND
Y
tPHL
tPLH
50%
50% VCC
Figure 8. Test Circuit
INPUT
*Includes all probe and jig capacitance
OUTPUT
TEST POINT
CL *
1 kΩ
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
DEVICE
UNDER
TEST
Figure 9. Input Equivalent Circuit
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
50%
50% VCC
50% VCC
VCC
GND
HIGH
IMPEDANCE
VOL + 0.3V
VOH - 0.3V
Y
Y
OE
tPZL
tPLZ
tPZH
tPHZ
HIGH
IMPEDANCE


同様の部品番号 - MC74VHCT257ADT

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHCT257ADT ONSEMI-MC74VHCT257ADT Datasheet
99Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
September, 2004 ??Rev. 2
MC74VHCT257ADTG ONSEMI-MC74VHCT257ADTG Datasheet
146Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
May, 2011 ??Rev. 6
MC74VHCT257ADTG ONSEMI-MC74VHCT257ADTG Datasheet
102Kb / 7P
   Quad 2-Channel Multiplexer
October, 2014 ??Rev. 7
MC74VHCT257ADTR2 ONSEMI-MC74VHCT257ADTR2 Datasheet
99Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
September, 2004 ??Rev. 2
More results

同様の説明 - MC74VHCT257ADT

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHCT257A ONSEMI-MC74VHCT257A_04 Datasheet
99Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
September, 2004 ??Rev. 2
MC74VHCT257A ONSEMI-MC74VHCT257A_11 Datasheet
146Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
May, 2011 ??Rev. 6
MC74VHC257 ONSEMI-MC74VHC257_14 Datasheet
97Kb / 7P
   Quad 2-Channel Multiplexer with 3-State Outputs
September, 2014 ??Rev. 6
MC74VHC257 ONSEMI-MC74VHC257 Datasheet
95Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
September, 2004 ??Rev. 3
MC74LVX257 ONSEMI-MC74LVX257 Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
March, 2005 ??Rev. 3
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
SN54LS257B MOTOROLA-SN54LS257B Datasheet
182Kb / 6P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CY74FCT257T TI-CY74FCT257T Datasheet
330Kb / 12P
[Old version datasheet]   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74F257A MOTOROLA-MC74F257A Datasheet
78Kb / 3P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com