データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54F646BSMX データシート(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 54F646BSMX
部品情報  Octal Transceiver/Register with TRI-STATE Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F646BSMX データシート(HTML) 6 Page - National Semiconductor (TI)

Back Button 54F646BSMX Datasheet HTML 2Page - National Semiconductor (TI) 54F646BSMX Datasheet HTML 3Page - National Semiconductor (TI) 54F646BSMX Datasheet HTML 4Page - National Semiconductor (TI) 54F646BSMX Datasheet HTML 5Page - National Semiconductor (TI) 54F646BSMX Datasheet HTML 6Page - National Semiconductor (TI) 54F646BSMX Datasheet HTML 7Page - National Semiconductor (TI) 54F646BSMX Datasheet HTML 8Page - National Semiconductor (TI) 54F646BSMX Datasheet HTML 9Page - National Semiconductor (TI) 54F646BSMX Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature
b
65 Cto a150 C
Ambient Temperature under Bias
b
55 Cto a125 C
Junction Temperature under Bias
b
55 Cto a175 C
Plastic
b
55 Cto a150 C
VCC Pin Potential to
Ground Pin
b
05V to a70V
Input Voltage (Note 2)
b
05V to a70V
Input Current (Note 2)
b
30 mA to a50 mA
Voltage Applied to Output
in HIGH State (with VCC e 0V)
Standard Output
b
05V to VCC
TRI-STATE Output
b
05V to a55V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
ESD Last Passing Voltage (Min)
4000V
Note 1
Absolute maximum ratings are values beyond which the device may
be damaged or have its useful life impaired Functional operation under
these conditions is not implied
Note 2
Either voltage limit or current limit is sufficient to protect inputs
Recommended Operating
Conditions
Free Air Ambient Temperature
Military
b
55 Cto a125 C
Commercial
0 Cto a70 C
Supply Voltage
Military
a
45V to a55V
Commercial
a
45V to a55V
DC Electrical Characteristics
Symbol
Parameter
54F74F
Units
VCC
Conditions
Min
Typ
Max
VIH
Input HIGH Voltage
20
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
08
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
b
12
V
Min
IIN eb18 mA (Non IO Pins)
VOH
Output HIGH
54F 10% VCC
20
V
Min
IOH eb12 mA (An Bn)
Voltage
74F 10% VCC
20
IOH eb15 mA (An Bn)
VOL
Output LOW
54F 10% VCC
055
V
Min
IOL e 48 mA (An Bn)
Voltage
74F 10% VCC
055
IOL e 64 mA (An Bn)
IIH
Input HIGH
54F
200
m
A
Max
VIN e 27V (Non IO Pins)
Current
74F
50
IBVI
Input HIGH Current
54F
100
m
A
Max
VIN e 70V (Non IO Pins)
Breakdown Test
74F
70
IBVIT
Input HIGH Current
54F
10
mA
Max
VIN e 55V (An Bn)
Breakdown (IO)
74F
05
ICEX
Output HIGH
54F
250
m
A
Max
VOUT e VCC
Leakage Current
74F
50
VID
Input Leakage
74F
475
V
00
IID e 19 mA
Test
All Other Pins Grounded
IOD
Output Leakage
74F
375
m
A
00
VIOD e 150 mV
Circuit Current
All Other Pins Grounded
IIL
Input LOW Current
b
06
mA
Max
VIN e 05V (Non IO Pins)
IIH a IOZH
Output Leakage Current
70
m
A
Max
VOUT e 27V (An Bn)
IIL a IOZL
Output Leakage Current
b
650
m
A
Max
VOUT e 05V (An Bn)
IOS
Output Short-Circuit Current
b
100
b
225
mA
Max
VOUT e 0V
IZZ
Bus Drainage Test
500
m
A
00V
VOUT e 525V
ICCH
Power Supply Current
135
mA
Max
VO e HIGH
ICCL
Power Supply Current
150
mA
Max
VO e LOW
ICCZ
Power Supply Current
150
mA
Max
VO e HIGH Z
6


同様の部品番号 - 54F646BSMX

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54F64 NSC-54F64 Datasheet
130Kb / 6P
   4-2-3-2-Input AND-OR-Invert Gate
54F64DM NSC-54F64DM Datasheet
130Kb / 6P
   4-2-3-2-Input AND-OR-Invert Gate
54F64FM NSC-54F64FM Datasheet
130Kb / 6P
   4-2-3-2-Input AND-OR-Invert Gate
54F64LM NSC-54F64LM Datasheet
130Kb / 6P
   4-2-3-2-Input AND-OR-Invert Gate
More results

同様の説明 - 54F646BSMX

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54AC646 NSC-54AC646 Datasheet
193Kb / 10P
   Octal Transceiver/Register with TRI-STATE Outputs
54ABT245 NSC-54ABT245 Datasheet
261Kb / 10P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
74F2245 NSC-74F2245 Datasheet
112Kb / 6P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54F245DM NSC-54F245DM Datasheet
173Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245 NSC-54FCT245 Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
74FR245 NSC-74FR245 Datasheet
152Kb / 6P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com